Electronic Components Datasheet Search
  English  ▼

X  

AM2359P Datasheet(PDF) 3 Page - Analog Power

Part # AM2359P
Description  P-Channel 60-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM2359P Datasheet(HTML) 3 Page - Analog Power

  AM2359P Datasheet HTML 1Page - Analog Power AM2359P Datasheet HTML 2Page - Analog Power AM2359P Datasheet HTML 3Page - Analog Power AM2359P Datasheet HTML 4Page - Analog Power AM2359P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
AM2359P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM2359_H
Typical Electrical Characteristics
Gate Charge
Output Characteristics
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
On-Resistance vs. Drain Current
0
3
6
9
12
012
345
VDS - Drain-to--Source Voltage (V)
VGS = -10V
-4.5V
V
0
2
4
6
8
10
2.5
3.5
4.5
5.5
VGS - Gate-to-Source Voltage (V)
TA = 125
oC
25
oC
-55
oC
0.8
1
1.2
1.4
1.6
1.8
2
036
9
12
ID - Drain Current (A)
VGS=-4.5V
-10V
0.0
200.0
400.0
600.0
800.0
015
30
45
60
VDS - Drain-to-Source Voltage (V)
CISS
COSS
CRSS
-10
-8
-6
-4
-2
0
0
246
8
10
12
Qg, Charge (nC)
0.6
0.8
1
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125
150
TJ - Junction Temperature (
oC)
VGS = -10V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com