Electronic Components Datasheet Search
  English  ▼

X  

AM3403P Datasheet(PDF) 1 Page - Analog Power

Part # AM3403P
Description  P-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3403P Datasheet(HTML) 1 Page - Analog Power

  AM3403P Datasheet HTML 1Page - Analog Power AM3403P Datasheet HTML 2Page - Analog Power AM3403P Datasheet HTML 3Page - Analog Power AM3403P Datasheet HTML 4Page - Analog Power AM3403P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
AM3403P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM3403_A
These miniature surface mount MOSFETs
utilize a high cell density trench process to
provide low r
DS(on) and to ensure minimal
power loss and heat dissipation. Typical
applications are DC-DC converters and
power management in portable and
battery-powered products such as
computers, printers, PCMCIA cards,
cellular and cordless telephones.
P-Channel 30-V (D-S) MOSFET
•
Low r
DS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
TSOP-6 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
1
2
3
4
5
6
VDS (V)
rDS(on) (O)
ID(A)
0.056 @ VGS= -10V
-4.0
0.086 @ VGS= -4.5V
-3.4
PRODUCT SUMMARY
-30
Symbol Maximum Units
VDS
-30
VGS
±20
TA=25
o
C
-4.0
TA=70
o
C
-3.2
IDM
±20
IS
-1.7
A
TA=25
o
C
2.0
TA=70
o
C
1.3
TJ, Tstg
-55 to 150
o
C
Continuous Source Current (Diode Conduction)
a
ABSOLUTE MAXIMUM RATINGS (TA = 25
oC UNLESS OTHERWISE NOTED)
Parameter
Pulsed Drain Current
b
V
Gate-Source Voltage
Drain-Source Voltage
Continuous Drain Current
a
ID
A
Power Dissipation
a
PD
Operating Junction and Storage Temperature Range
W
Symbol
Maximum Units
t <= 5 sec
62.5
o
C/W
Steady state
110
o
C/W
THERMAL RESISTANCE RATINGS
Parameter
RTHJA
Maximum Junction-to-Ambient
a


Similar Part No. - AM3403P

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
AM3403 AITSEMI-AM3403 Datasheet
362Kb / 6P
MOSFET P-CHANNEL ENHANCEMENT MODE
REV1.0
AM3403E3SR AITSEMI-AM3403E3SR Datasheet
362Kb / 6P
MOSFET P-CHANNEL ENHANCEMENT MODE
REV1.0
AM3403E3SVR AITSEMI-AM3403E3SVR Datasheet
362Kb / 6P
MOSFET P-CHANNEL ENHANCEMENT MODE
REV1.0
More results

Similar Description - AM3403P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4835BDY VISHAY-SI4835BDY_05 Datasheet
90Kb / 6P
P-Channel 30-V (D-S) MOSFET
25-Oct-04
SI6435ADQ VISHAY-SI6435ADQ_08 Datasheet
94Kb / 5P
P-Channel 30-V (D-S) MOSFET
31-Mar-08
SI2303CDS VISHAY-SI2303CDS Datasheet
130Kb / 7P
P-Channel 30-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM3933P ANALOGPOWER-AM3933P Datasheet
121Kb / 3P
P-Channel 30-V (D-S) MOSFET
AM7333PE ANALOGPOWER-AM7333PE Datasheet
347Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM4953P ANALOGPOWER-AM4953P Datasheet
366Kb / 5P
P-Channel 30-V (D-S) MOSFET
AM90P03-02P ANALOGPOWER-AM90P03-02P Datasheet
60Kb / 2P
P-Channel 30-V (D-S) MOSFET
logo
Vishay Siliconix
SI4435DDY VISHAY-SI4435DDY Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI4435DDY-T1-GE3 VISHAY-SI4435DDY-T1-GE3 Datasheet
279Kb / 10P
P-Channel 30-V (D-S) MOSFET
18-May-09
SI7121DN VISHAY-SI7121DN Datasheet
552Kb / 13P
P-Channel 30-V (D-S) MOSFET
23-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com