Electronic Components Datasheet Search
  English  ▼

X  

K2200GRP Datasheet(PDF) 4 Page - Littelfuse

Part # K2200GRP
Description  Standard Bidirectional SIDACs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

K2200GRP Datasheet(HTML) 4 Page - Littelfuse

  K2200GRP Datasheet HTML 1Page - Littelfuse K2200GRP Datasheet HTML 2Page - Littelfuse K2200GRP Datasheet HTML 3Page - Littelfuse K2200GRP Datasheet HTML 4Page - Littelfuse K2200GRP Datasheet HTML 5Page - Littelfuse K2200GRP Datasheet HTML 6Page - Littelfuse K2200GRP Datasheet HTML 7Page - Littelfuse K2200GRP Datasheet HTML 8Page - Littelfuse K2200GRP Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
Revised: December 9, 2011 01:32 PM
©2011 Littelfuse, Inc
Teccor® brand Thyristors
Specifications are subject to change without notice.
Please refer to http://www.littelfuse.com for current information.
Standard Bidirectional SIDACs
Kxxxzy Series
Figure 7: Normalized DC Holding Current
vs. Junction Temperature
0.0
0.5
1.0
1.5
2.0
-40
-1510356085110
Junction Temperature (T
J) -- °C
125
80
90
100
110
120
130
0.0
0.2
0.4
0.6
0.8
1.01.2
CURRENT WAVEFORM: Sinusoidal - 60Hz
LOAD: Resistive or Inductive
Kxxx0G
Kxxx0S
Kxxx0E
Kxxx2G
RMS On-State Current [I
T(RMS)] - Amps
Figure 8: Maximum Allowable Case Temperature
vs. RMS On-State Current
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
CURRENT WAVEFORM: Sinusoidal - 60Hz
LOAD: Resistive or Inductive
FREE AIR RATING
Kxxx0G
Kxxx0S
Kxxx0E
Kxxx2G
RMS On-State Current [I
T(RMS)] - Amps
25
Figure 9: Maximum Allowable Ambient Temperature vs.
RMS On-State Current
1
10
20
30
40
50
60
70
80
90
100110
120
130
Junction Temperature (T
J) -- °C
Figure 10: Normalized Repetitive Peak Breakover
Current (I
BO) vs. Junction Temperature
100-250 V ac
60 Hz
Scope
Push to test
S1
Switch to test
in each direction
100 Ω
1%
Device
Under
Test
S1
Scope Indication
Trace Stops
IH
IPK
Figure 11: Dynamic Holding Current Test Circuit for
SIDACs
Figure 12: Basic SIDAC Circuit
Load
100-250 Vac
60 Hz
IH
VBO
120-145
˚
Conduction
Angle
IH
IH
Load Current
VBO
VBO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com