Electronic Components Datasheet Search
  English  ▼

X  

AM3560C Datasheet(PDF) 1 Page - Analog Power

Part # AM3560C
Description  N & P-Channel 60-V (D-S) MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM3560C Datasheet(HTML) 1 Page - Analog Power

  AM3560C Datasheet HTML 1Page - Analog Power AM3560C Datasheet HTML 2Page - Analog Power AM3560C Datasheet HTML 3Page - Analog Power AM3560C Datasheet HTML 4Page - Analog Power AM3560C Datasheet HTML 5Page - Analog Power AM3560C Datasheet HTML 6Page - Analog Power AM3560C Datasheet HTML 7Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Analog Power
AM3560C
N & P-Channel 60-V (D-S) MOSFET
VDS (V)
ID(A)
2.3
2.1
-1.6
-1.4
Symbol
Nch Limit Pch Limit
Units
VDS
60
-60
VGS
±20
±20
TA=25°C
2.3
-1.6
TA=70°C
1.9
-1.3
Pulsed Drain Current
b
IDM
10
-10
Continuous Source Current (Diode Conduction)
a
IS
2.5
-2.5
A
TA=25°C
1.15
1.15
TA=70°C
0.7
0.7
Operating Junction and Storage Temperature Range
TJ, Tstg
°C
Symbol
Maximum
Units
110
150
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Maximum Junction-to-Ambient
a
310 @ VGS = -10V
405 @ VGS = -4.5V
PRODUCT SUMMARY
rDS(on) (mΩ)
60
153 @ VGS = 10V
185 @ VGS = 4.5V
-60
Parameter
Drain-Source Voltage
Gate-Source Voltage
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
t <= 10 sec
Steady State
RθJA
A
W
°C/W
Parameter
THERMAL RESISTANCE RATINGS
Continuous Drain Current
a
ID
Power Dissipation
a
PD
-55 to 150
V
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
© Preliminary
1
Publication Order Number:
DS_AM3560C_1A


Similar Part No. - AM3560C

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
AM356 CHENYI-AM356 Datasheet
153Kb / 2P
PRESS FIT AUTOMOTIVE RECTIFIER
More results

Similar Description - AM3560C

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4559ADY VISHAY-SI4559ADY_09 Datasheet
275Kb / 15P
N- and P-Channel 60-V (D-S) MOSFET
09-Mar-09
logo
Analog Power
AM4560C ANALOGPOWER-AM4560C Datasheet
477Kb / 7P
N & P-Channel 60-V (D-S) MOSFET
AM4599C ANALOGPOWER-AM4599C Datasheet
494Kb / 7P
N & P-Channel 60-V (D-S) MOSFET
AM4562C ANALOGPOWER-AM4562C Datasheet
404Kb / 7P
N & P-Channel 60-V (D-S) MOSFET
AM7560C ANALOGPOWER-AM7560C Datasheet
376Kb / 7P
N & P-Channel 60-V (D-S) MOSFET
AMD560C ANALOGPOWER-AMD560C Datasheet
389Kb / 7P
N & P-Channel 60-V (D-S) MOSFET
logo
ACE Technology Co., LTD...
ACE4562M ACE-ACE4562M Datasheet
1Mb / 9P
N & P-Channel 60-V (D-S) MOSFET
VER 1.1
logo
VBsemi Electronics Co.,...
SSG4543C VBSEMI-SSG4543C Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
STM8455 VBSEMI-STM8455 Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
STM8458 VBSEMI-STM8458 Datasheet
2Mb / 14P
N- and P-Channel 60-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com