Electronic Components Datasheet Search
  English  ▼

X  

B25832 Datasheet(PDF) 2 Page - EPCOS

Part # B25832
Description  MKV AC capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B25832 Datasheet(HTML) 2 Page - EPCOS

  B25832 Datasheet HTML 1Page - EPCOS B25832 Datasheet HTML 2Page - EPCOS B25832 Datasheet HTML 3Page - EPCOS B25832 Datasheet HTML 4Page - EPCOS B25832 Datasheet HTML 5Page - EPCOS B25832 Datasheet HTML 6Page - EPCOS B25832 Datasheet HTML 7Page - EPCOS B25832 Datasheet HTML 8Page - EPCOS B25832 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Please read Cautions and warnings and
2
09/05
Important notes at the end of this document.
MKV AC Capacitors
General AC Applications
B25832
Features
■
Compact design
■
Long-term stability and reliability
Applications
■
For commutation in the low-frequency range
Construction
■
Self-healing
■
Plastic dielectric
■
Oil-impregnated tubular windings (no PCB)
■
Metal-sprayed end faces ensure reliable contacting
■
Cylindrical aluminum case
■
Ceramic or plastic lead-throughs
■
Mounting bolts M8 or M12
Terminals
■
Tab connectors 6.3 mm
■
Dual tab connectors 6.3 mm
Mounting
■
If the vibration stress is ≤ 5 g and the capacitors
are ≤ 60 mm in diameter, the bolt is used for mounting.
Grounding
■
Mounting bolts for grounding in accordance with VDE 0100
■
Grounding identification in accordance with DIN 40 011
Individual data sheets
Individual data sheets contain detailed specification incl. thermal data.
Upon request, these data sheets are available for each capacitor type.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com