Electronic Components Datasheet Search
  English  ▼

X  

G1565 Datasheet(PDF) 2 Page - EPCOS

Part # G1565
Description  NTC thermistors for temperature measurement
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

G1565 Datasheet(HTML) 2 Page - EPCOS

  G1565 Datasheet HTML 1Page - EPCOS G1565 Datasheet HTML 2Page - EPCOS G1565 Datasheet HTML 3Page - EPCOS G1565 Datasheet HTML 4Page - EPCOS G1565 Datasheet HTML 5Page - EPCOS G1565 Datasheet HTML 6Page - EPCOS G1565 Datasheet HTML 7Page - EPCOS G1565 Datasheet HTML 8Page - EPCOS G1565 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
Applications
Temperature measurement
Features
Glass-encapsulated NTC thermistor,
heat-resistant and highly stable
Coating of glass body and leads for electrical
insulation and improved resistance against
media
For temperature measurement up to
260
°C in oil
Short response time
Leads: dumet wires (copper-clad FeNi)
Testing conditions must be verified
Options
Alternative dimensions and resistance values
available on request.
For temperature measurement in other
media on request.
Delivery mode
Bulk
Dimensional drawing
Dimensions in mm
Approx. weight 140 mg
General technical data
Climatic category
(IEC 60068-1)
55/260/56
Max. power
(at 25
°C)
P25
50
mW
Resistance tolerance
∆R
R/RR
±1, ±2, ±3
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 1.5
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 18
s
Heat capacity
Cth
approx. 27
mJ/K
Insulation resistance1)
(V = 100 V DC)
Rins
≥ 100
M
Ω
Test voltage1)
(t = 1 s)
Vtest
500
V DC
1) Medium: NaCl-solution; Temperature: Room temperature
Temperature measurement
B57565G1
Glass-encapsulated sensors for media contact
G1565
Page 2 of 20
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com