Electronic Components Datasheet Search
  English  ▼

X  

S891 Datasheet(PDF) 2 Page - EPCOS

Part # S891
Description  NTC thermistors for temperature measurement
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S891 Datasheet(HTML) 2 Page - EPCOS

  S891 Datasheet HTML 1Page - EPCOS S891 Datasheet HTML 2Page - EPCOS S891 Datasheet HTML 3Page - EPCOS S891 Datasheet HTML 4Page - EPCOS S891 Datasheet HTML 5Page - EPCOS S891 Datasheet HTML 6Page - EPCOS S891 Datasheet HTML 7Page - EPCOS S891 Datasheet HTML 8Page - EPCOS S891 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Applications
Temperature measurement and
compensation
Features
Favorable price/ performance ratio
Rugged design, epoxy resin encapsulation
Leads: copper-clad Fe wire, tinned
UL approval (E69802)
Options
Lead spacing 5 mm available on request
Delivery mode
Bulk (standard), cardboard tape, reeled or in
Ammo pack on request
Dimensional drawing
Dimensions in mm
Approx. weight 0.2 g
General technical data
Climatic category
(IEC 60068-1)
55/155/56
Max. power
(at 25
°C)
P25
200
mW
Resistance tolerance
∆R
R/RR
±1, ±3, ±5
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 4
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 15
s
Heat capacity
Cth
approx. 60
mJ/K
Electrical specification and ordering codes
R25
Ω
No. of R/T
characteristic
B25/100
K
Ordering code
+ =
Resistance tolerance
F =
±1%
H =
±3%
J =
±5%
2.2 k
1008
3560
±1.5%
B57891S0222+008
5 k
2003
3980
±1%
B57891S0502+008
10 k
4901
3950
±1%
B57891S0103+008
20 k
2904
4300
±1%
B57891S0203+008
100 k
4003
4450
±1%
B57891S0104+008
Temperature measurement and compensation
B57891S
Leaded NTC thermistors, lead spacing 2.5 mm
S891
Page 2 of 26
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com