Electronic Components Datasheet Search
  English  ▼

X  

S964 Datasheet(PDF) 2 Page - EPCOS

Part # S964
Description  NTC thermistors for temperature sensing and compensation
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S964 Datasheet(HTML) 2 Page - EPCOS

  S964 Datasheet HTML 1Page - EPCOS S964 Datasheet HTML 2Page - EPCOS S964 Datasheet HTML 3Page - EPCOS S964 Datasheet HTML 4Page - EPCOS S964 Datasheet HTML 5Page - EPCOS S964 Datasheet HTML 6Page - EPCOS S964 Datasheet HTML 7Page - EPCOS S964 Datasheet HTML 8Page - EPCOS S964 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
Applications
Temperature measurement and
compensation
Features
Short response time
High measuring accuracy
Epoxy resin encapsulation
Improved resistance to humidity
Insulated leads of silver-plated nickel wire,
AWG 26 (black)
Lead spacing 2.5 mm
Options
Non-standard lead lengths
AWG 30 on request
Delivery mode
Bulk (standard), cardboard tape available on
request
Dimensional drawing
Dimensions in mm
Approx. weight 150 mg
General technical data
Climatic category
(IEC 60068-1)
55/155/56
Max. power
(at 25
°C)
P25
60
mW
Resistance tolerance
∆R
R/RR
±1, ±3, ±5
%
Rated temperature
TR
25
°C
Dissipation factor
(in air)
δ
th
approx. 1.6
mW/K
Thermal cooling time constant
(in air)
τ
c
approx. 16
s
Heat capacity
Cth
approx. 26
mJ/K
Electrical specification and ordering codes
R25
Ω
No. of R/T
characteristic
B25/100
K
Ordering code
+ =
Resistance tolerance
F =
±1%
H =
±3%
J =
±5%
2 k
1008
3560
±1%
B57964S0202+000
2.8 k
8016
3988
±1%
B57964S0282+000
5 k
8016
3988
±1%
B57964S0502+000
Temperature measurement and compensation
B57964S
Leaded NTC thermistors, lead spacing 2.5 mm
S964
Page 2 of 26
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com