Electronic Components Datasheet Search
  English  ▼

X  

S981 Datasheet(PDF) 7 Page - EPCOS

Part # S981
Description  NTC thermistors for temperature measurement
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

S981 Datasheet(HTML) 7 Page - EPCOS

Back Button S981 Datasheet HTML 3Page - EPCOS S981 Datasheet HTML 4Page - EPCOS S981 Datasheet HTML 5Page - EPCOS S981 Datasheet HTML 6Page - EPCOS S981 Datasheet HTML 7Page - EPCOS S981 Datasheet HTML 8Page - EPCOS S981 Datasheet HTML 9Page - EPCOS S981 Datasheet HTML 10Page - EPCOS S981 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
R/T characteristics
R/T No. 8018
T (
°C)
B25/100 = 3964 K
T (
°C) B
25/100 = 3964 K
T (
°C) B
25/100 = 3964 K
RT/R25
α (%/K)
RT/R25
α (%/K)
RT/R25
α (%/K)
40.0
30.24
6.3
30.0
0.8083
4.2
100.0
0.0691
2.9
35.0
22.1
6.1
35.0
0.6572
4.1
105.0
0.05974
2.9
30.0
16.32
5.9
40.0
0.5373
4.0
110.0
0.05183
2.8
25.0
12.17
5.8
45.0
0.4418
3.9
115.0
0.04512
2.8
20.0
9.153
5.6
50.0
0.365
3.7
120.0
0.0394
2.7
15.0
6.945
5.4
55.0
0.303
3.7
125.0
0.0345
2.6
10.0
5.313
5.2
60.0
0.2527
3.6
130.0
0.03032
2.6
5.0
4.097
5.1
65.0
0.2118
3.5
135.0
0.02672
2.5
0.0
3.183
4.9
70.0
0.1783
3.4
140.0
0.02361
2.5
5.0
2.491
4.8
75.0
0.1508
3.3
145.0
0.02091
2.4
10.0
1.963
4.7
80.0
0.128
3.2
150.0
0.01857
2.4
15.0
1.557
4.6
85.0
0.1091
3.2
155.0
0.016537
2.3
20.0
1.244
4.4
90.0
0.0933
3.1
25.0
1.0000
4.3
95.0
0.08016
3.0
Temperature measurement
B57981S
Leaded NTC thermistors, lead spacing 2.5 mm
S981
Page 7 of 27
Please read Cautions and warnings and
Important notes at the end of this document.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com