Electronic Components Datasheet Search
  English  ▼

X  

MPF990 Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPF990
Description  TMOS Switching
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPF990 Datasheet(HTML) 1 Page - Motorola, Inc

  MPF990 Datasheet HTML 1Page - Motorola, Inc MPF990 Datasheet HTML 2Page - Motorola, Inc MPF990 Datasheet HTML 3Page - Motorola, Inc MPF990 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Motorola Small–Signal Transistors, FETs and Diodes Device Data
TMOS Switching
N–Channel — Enhancement
MAXIMUM RATINGS
Rating
Symbol
MPF930
MPF960
MPF990
Unit
Drain – Source Voltage
VDS
35
60
90
Vdc
Drain – Gate Voltage
VDG
35
60
90
Vdc
Gate–Source Voltage
— Continuous
— Non–repetitive (tp ≤ 50 µs)
VGS
VGSM
±20
±40
Vdc
Vpk
Drain Current
Continuous(1)
Pulsed(2)
ID
IDM
2.0
3.0
Adc
Total Device Dissipation
@ TA = 25°C
Derate above 25
°C
PD
1.0
8.0
Watts
mW/
°C
Operating and Storage Junction
Temperature Range
TJ, Tstg
– 55 to 150
°C
Thermal Resistance
θJA
125
°C/W
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain–Source Breakdown Voltage
(VGS = 0, ID = 10 µAdc)
MPF930
MPF960
MPF990
V(BR)DSX
35
60
90
—
—
—
—
—
—
Vdc
Gate Reverse Current (VGS = 15 Vdc, VDS = 0)
IGSS
—
—
50
nAdc
ON CHARACTERISTICS(2)
Zero–Gate–Voltage Drain Current
(VDS = Maximum Rating, VGS = 0)
IDSS
—
—
10
µAdc
Gate Threshold Voltage
(ID = 1.0 mAdc, VDS = VGS)
VGS(Th)
1.0
—
3.5
Vdc
Drain–Source On–Voltage (VGS = 10 Vdc)
(ID = 0.5 Adc)
MPF930
MPF960
MPF990
(ID = 1.0 Adc)
MPF930
MPF960
MPF990
(ID = 2.0 Adc)
MPF930
MPF960
MPF990
VDS(on)
—
—
—
—
—
—
—
—
—
0.4
0.6
0.6
0.9
1.2
1.2
2.2
2.8
2.8
0.7
0.8
1.2
1.4
1.7
2.4
3.0
3.5
4.8
Vdc
1. The Power Dissipation of the package may result in a lower continuous drain current.
2. Pulse Test: Pulse Width
v 300 µs, Duty Cycle v 2.0%.
Order this document
by MPF930/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPF930
MPF960
MPF990
CASE 29–05, STYLE 22
TO–92 (TO–226AE)
1
2
3
© Motorola, Inc. 1997
3 DRAIN
1 SOURCE
2
GATE
REV 2


Similar Part No. - MPF990

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
MPF990 NJSEMI-MPF990 Datasheet
87Kb / 2P
TMOS Switching
More results

Similar Description - MPF990

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
BS107 MOTOROLA-BS107 Datasheet
76Kb / 4P
TMOS Switching(N-Channel-Enhancement)
BS170 MOTOROLA-BS170 Datasheet
77Kb / 4P
TMOS FET Switching(N-Channel-Enhancement)
MMBF170LT1 MOTOROLA-MMBF170LT1 Datasheet
98Kb / 4P
TMOS FET Transistor
VN0300L MOTOROLA-VN0300L Datasheet
54Kb / 4P
TMOS FET Transistor
VN2406L MOTOROLA-VN2406L Datasheet
57Kb / 4P
TMOS FET Transistor
2N6659 MOTOROLA-2N6659 Datasheet
441Kb / 3P
TMOS SWITCHING FET TRANSISTORS
logo
ON Semiconductor
AN1042 ONSEMI-AN1042 Datasheet
96Kb / 12P
High Fidelity Switching Audio Amplifiers Using TMOS Power MOSFETs
August, 2002 ??Rev. 3
logo
New Jersey Semi-Conduct...
2N6659 NJSEMI-2N6659 Datasheet
156Kb / 1P
TMOS SWITCHING TRANSISTOR
MPF990 NJSEMI-MPF990 Datasheet
87Kb / 2P
TMOS Switching
logo
ON Semiconductor
MPF930 ONSEMI-MPF930 Datasheet
134Kb / 4P
N?묬hannel TMOS Switching
August, 2006 ??Rev. 4
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com