Electronic Components Datasheet Search
  English  ▼

X  

STF57N65M5 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STF57N65M5
Description  N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF57N65M5 Datasheet(HTML) 1 Page - STMicroelectronics

  STF57N65M5 Datasheet HTML 1Page - STMicroelectronics STF57N65M5 Datasheet HTML 2Page - STMicroelectronics STF57N65M5 Datasheet HTML 3Page - STMicroelectronics STF57N65M5 Datasheet HTML 4Page - STMicroelectronics STF57N65M5 Datasheet HTML 5Page - STMicroelectronics STF57N65M5 Datasheet HTML 6Page - STMicroelectronics STF57N65M5 Datasheet HTML 7Page - STMicroelectronics STF57N65M5 Datasheet HTML 8Page - STMicroelectronics STF57N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
This is information on a product in full production.
December 2012
Doc ID 022849 Rev 4
1/22
22
STB57N65M5, STF57N65M5, STI57N65M5,
STP57N65M5
N-channel 650 V, 0.056
Ω typ., 42 A MDmesh™ V Power MOSFET
in I²PAK, TO-220, TO-220FP and D²PAK packages
Datasheet — production data
Features
■ Worldwide best RDS(on)*area amongst the
silicon based devices
■ Higher VDSS rating, high dv/dt capability
■ Excellent switching performance
■ Easy to drive, 100% avalanche tested
Applications
■ Switching applications
Description
These devices are N-channel MDmesh™ V
Power MOSFETs based on an innovative
proprietary vertical process technology, which is
combined with STMicroelectronics’ well-known
PowerMESH™ horizontal layout structure. The
resulting product has extremely low on-
resistance, which is unmatched among silicon-
based Power MOSFETs, making it especially
suitable for applications which require superior
power density and outstanding efficiency.
Figure 1.
Internal schematic diagram
Order codes
VDSS @
TJmax
RDS(on)
max
ID
STB57N65M5
STF57N65M5
STI57N65M5
STP57N65M5
710 V
< 0.063
Ω
42 A
1
2
3
TO-220FP
D²PAK
TO-220
I²PAK
1
3
TAB
1
2
3
TAB
1
2
3
TAB
Table 1.
Device summary
Order codes
Marking
Packages
Packaging
STB57N65M5
STF57N65M5
STI57N65M5
STP57N65M5
57N65M5
D²PAK
TO-220FP
I²PAK
TO-220
Tape and reel
Tube
Tube
Tube
www.st.com


Similar Part No. - STF57N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STF57N65M5 STMICROELECTRONICS-STF57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
04-Dec-2012
logo
Inchange Semiconductor ...
STF57N65M5 ISC-STF57N65M5 Datasheet
291Kb / 2P
Isc N-Channel MOSFET Transistor
More results

Similar Description - STF57N65M5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STW57N65M5 STMICROELECTRONICS-STW57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™V Power MOSFET in I²PAK, TO-220, TO-220FP and D²PAK packages
04-Dec-2012
STP15N65M5 STMICROELECTRONICS-STP15N65M5 Datasheet
925Kb / 17P
N-channel 650 V, 0.308 廓 typ., 11 A MDmesh??V Power MOSFET in TO-220FP, I2PAKFP and TO-220 packages
09-Nov-2012
STP18N65M5 STMICROELECTRONICS-STP18N65M5 Datasheet
954Kb / 19P
N-channel 650 V, 0.198 typ., 15 A MDmesh V Power MOSFET in TO-220FP, IPAK, TO-220 and TO-247 packages
19-Jul-2012
STW45N65M5 STMICROELECTRONICS-STW45N65M5 Datasheet
1Mb / 20P
N-channel 650 V, 0.067 typ., 35 A MDmesh V Power MOSFET in D2PAK, TO-220FP and TO-220 packages
05-Mar-2013
STB57N65M5 STMICROELECTRONICS-STB57N65M5 Datasheet
1Mb / 22P
N-channel 650 V, 0.056 typ., 42 A MDmesh V Power MOSFET
04-Dec-2012
STW57N65M5 STMICROELECTRONICS-STW57N65M5_V01 Datasheet
1,021Kb / 17P
N-channel 650 V, 0.056 Ω typ., 42 A MDmesh™ V Power MOSFETs in TO-247 and TO-247 long leads packages
13-Dec-2013
STB11NM80 STMICROELECTRONICS-STB11NM80_V01 Datasheet
908Kb / 22P
N-channel 800 V, 0.35 Ω, 11 A MDmesh™ Power MOSFET in D²PAK, TO-220FP, I²PAK, TO-220, TO-247
12-Sep-2011
STB13N80K5 STMICROELECTRONICS-STB13N80K5_V01 Datasheet
1Mb / 23P
N-channel 800 V, 0.37 Ω typ., 12 A MDmesh™ K5 Power MOSFETs in D²PAK, TO-220FP, TO-220 and TO-247
25-Sep-2017
STD3NK60ZT4 STMICROELECTRONICS-STD3NK60ZT4 Datasheet
936Kb / 34P
N-channel 600 V, 3.2 Ω typ., 2.4 A SuperMESH™ Power MOSFETs in D²PAK, IPAK, DPAK, TO-220 and TO-220FP packages
20-Aug-2018
STB55NF06 STMICROELECTRONICS-STB55NF06_V01 Datasheet
797Kb / 19P
N-channel 60 V, 0.015 Ω, 50 A STripFET™ II Power MOSFET in D²PAK, TO-220 and TO-220FP packages
25-May-2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com