Electronic Components Datasheet Search
  English  ▼

X  

AM5829P Datasheet(PDF) 1 Page - Analog Power

Part # AM5829P
Description  P-Channel 20-V (D-S) MOSFET With Schottky Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM5829P Datasheet(HTML) 1 Page - Analog Power

  AM5829P Datasheet HTML 1Page - Analog Power AM5829P Datasheet HTML 2Page - Analog Power AM5829P Datasheet HTML 3Page - Analog Power AM5829P Datasheet HTML 4Page - Analog Power AM5829P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
AM5829P
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM5829_A
These miniature surface mount MOSFETs utilize a
high cell density trench process to provide low
r
DS(on) and to ensure minimal power loss and heat
dissipation. Typical applications are DC-DC
converters and power management in portable and
battery-powered products such as computers,
printers, PCMCIA cards, cellular and cordless
telephones.
VDS (V)
rDS(on) (OHM)
ID (A)
0.110 @VGS= -4.5V
±3.6
0.160 @VGS= -2.5V
±3.0
-20
MOSFETPRODUCTSUMMARY
P-Channel 20-V (D-S) MOSFET With Schottky Diode
•Low r
DS(on) provides higher efficiency and
extends battery life
•
Low thermal impedance copper leadframe
CF1206-8 saves board space
•
Fast switching speed
•
High performance trench technology
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Symbol
Typ
Max
t <=5sec
50
60
SteadyState
90
110
THERMALRESISTANCERATINGS
MaximumJunction-to-Ambient
aoC/W
RthJA
Parameter
Vf (V)
Diode ForwardVoltage
20
0.48V@1.0A
1.0
SCHOTTKYPRODUCTSUMMARY
VKA (V)
IF (A)
Symbol Maximum Units
VDS
-20
VKA
20
VGS
±8
TA=25
oC±2.5
TA=70
oC±1.9
IDM
±10
IS
-1.6
IF
0.5
IFM
8
TA=25
oC2.1
TA=70
oC1.1
TA=25
oC1.3
TA=70
oC0.68
TJ, Tstg -55 to 150
oC
Average Forward Current (Schottky)
MaximumPower Dissipation (MOSFET)
a
Pulsed Forward Current (Schottky)
V
ABSOLUTEMAXIMUMRATINGS(TA = 25
oCUNLESSOTHERWISENOTED)
Parameter
Pulsed Drain Current (MOSFET)
b
Gate-Source Voltage (MOSFET)
Reverse Voltage (Schottky)
Continuous Drain Current (TJ=150
oC) (MOSFET)a
ID
A
Drain-Source Voltage (MOSFET)
Continuous Source Current (MOSFETDiode Conduction)
a
MaximumPower Dissipation (Schottky)
a
Operating Junction and Storage Temperature Range
PD
W
A
A
S
G
1
2
3
4
CF1206-8
Top View
K
K
D
D
8
7
6
5
S
D
G
P-Channel MOSFET
K
A


Similar Part No. - AM5829P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM5810 ETC1-AM5810 Datasheet
326Kb / 7P
Quad BTL Power Driver Motor Driver ICs
May, 2003 V0.2
logo
AMtek SEMICONDUCTORS CO...
AM5810C AMTEK-AM5810C Datasheet
397Kb / 10P
Five Channels BTL Power Driver
Feb, 2014 V1.0P
AM5810FM AMTEK-AM5810FM Datasheet
378Kb / 10P
Five Channels BTL Power Driver
Dec, 2012 V1.6
logo
List of Unclassifed Man...
AM5869S ETC1-AM5869S Datasheet
326Kb / 7P
Quad BTL Power Driver Motor Driver ICs
May, 2003 V0.2
logo
AMtek SEMICONDUCTORS CO...
AM5888S AMTEK-AM5888S Datasheet
99Kb / 10P
5-channel BTL Driver for DVD player
Oct 2005 V1.3
More results

Similar Description - AM5829P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI3853DV VISHAY-SI3853DV Datasheet
71Kb / 6P
P-Channel 20-V (D-S) MOSFET With Schottky Diode
04-Oct-99
SIA811DJ VISHAY-SIA811DJ Datasheet
243Kb / 3P
P-Channel 20-V (D-S) MOSFET with Schottky Diode
29-Jan-07
SI4845DY VISHAY-SI4845DY Datasheet
134Kb / 9P
P-Channel 20-V (D-S) MOSFET with Schottky Diode
13-Jun-05
SI3805DV VISHAY-SI3805DV Datasheet
129Kb / 10P
P-Channel 20-V (D-S) MOSFET with Schottky Diode
22-Sep-08
SI5855CDC VISHAY-SI5855CDC Datasheet
132Kb / 9P
P-Channel 20-V (D-S) MOSFET With Schottky Diode
22-Sep-08
SI5857DU VISHAY-SI5857DU Datasheet
136Kb / 10P
P-Channel 20-V (D-S) MOSFET With Schottky Diode
23-Jun-08
logo
Analog Power
AM3829P ANALOGPOWER-AM3829P Datasheet
287Kb / 5P
P-Channel 20-V (D-S) MOSFET With Schottky Diode
logo
Vishay Siliconix
SI4829DY VISHAY-SI4829DY Datasheet
110Kb / 10P
P-Channel 20-V (D-S) MOSFET with Schottky Diode
12-Oct-09
SIA811ADJ VISHAY-SIA811ADJ_V01 Datasheet
375Kb / 12P
P-Channel 20 V (D-S) MOSFET with Schottky Diode
13-Oct-08
logo
VBsemi Electronics Co.,...
VBBD4290A VBSEMI-VBBD4290A_V01 Datasheet
928Kb / 11P
P-Channel 20 V (D-S) MOSFET with Schottky Diode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com