Electronic Components Datasheet Search
  English  ▼

X  

STI35N65M5 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STI35N65M5
Description  N-channel 650 V, 0.085 廓, 27 A, MDmesh??V Power MOSFET in D짼PAK, TO-220FP, I짼PAK, TO-220, TO-247
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STI35N65M5 Datasheet(HTML) 3 Page - STMicroelectronics

  STI35N65M5 Datasheet HTML 1Page - STMicroelectronics STI35N65M5 Datasheet HTML 2Page - STMicroelectronics STI35N65M5 Datasheet HTML 3Page - STMicroelectronics STI35N65M5 Datasheet HTML 4Page - STMicroelectronics STI35N65M5 Datasheet HTML 5Page - STMicroelectronics STI35N65M5 Datasheet HTML 6Page - STMicroelectronics STI35N65M5 Datasheet HTML 7Page - STMicroelectronics STI35N65M5 Datasheet HTML 8Page - STMicroelectronics STI35N65M5 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
STB/F/I/P/W35N65M5
Electrical ratings
Doc ID 15325 Rev 3
3/22
1
Electrical ratings
Table 2.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
TO-220, D²PAK
TO-247, I²PAK
TO-220FP
VGS
Gate-source voltage
±25
V
ID
Drain current (continuous) at TC = 25 °C
27
27 (1)
1.
Limited only by maximum temperature allowed
A
ID
Drain current (continuous) at TC = 100 °C
17
17 (1)
A
IDM
(2)
2.
Pulse width limited by safe operating area
Drain current (pulsed)
108
108 (1)
A
PTOT
Total dissipation at TC = 25 °C
160
40
W
IAR
Max current during repetitive or single pulse
avalanche (pulse width limited by TJMAX)
9A
EAS
Single pulse avalanche energy
(starting Tj = 25°C, ID = IAR, VDD = 50V)
800
mJ
dv/dt (3)
3.
ISD ≤ 27 A, di/dt = 400 A/µs, peak VDS < V(BR)DSS
Peak diode recovery voltage slope
15
V/ns
VISO
Insulation withstand voltage (RMS) from all
three leads to external heat sink
(t=1 s;TC=25 °C)
2500
V
Tstg
Storage temperature
- 55 to 150
°C
Tj
Max. operating junction temperature
150
°C
Table 3.
Thermal data
Symbol
Parameter
Value
Unit
D²PAK TO-220FP I²PAK TO-220 TO-247
Rthj-case
Thermal resistance junction-
case max
0.78
3.1
0.78
°C/W
Rthj-amb
Thermal resistance junction-
ambient max
62.5
50
°C/W
Rthj-pcb
Thermal resistance junction-pcb
max
30
°C/W
Tl
Maximum lead temperature for
soldering purpose
300
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com