Electronic Components Datasheet Search
  English  ▼

X  

MPIC2113P Datasheet(PDF) 1 Page - Motorola, Inc

Part # MPIC2113P
Description  HIGH AND LOW SIDE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2113P Datasheet(HTML) 1 Page - Motorola, Inc

  MPIC2113P Datasheet HTML 1Page - Motorola, Inc MPIC2113P Datasheet HTML 2Page - Motorola, Inc MPIC2113P Datasheet HTML 3Page - Motorola, Inc MPIC2113P Datasheet HTML 4Page - Motorola, Inc MPIC2113P Datasheet HTML 5Page - Motorola, Inc MPIC2113P Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
Motorola TMOS Power MOSFET Transistor Device Data
Power Products Division
Advance Information
HIGH AND LOW SIDE DRIVER
The MPIC2113 is a high voltage, high speed, power MOSFET and IGBT driver
with independent high and low side referenced output channels. Proprietary HVIC
and latch immune CMOS technologies enable ruggedized monolithic construction.
Logic inputs are compatible with standard CMOS or LSTTL outputs. The output
drivers feature a high pulse current buffer stage designed for minimum driver
cross–conduction. Propagation delays are matched to simplify use in high frequen-
cy applications. The floating channel can be used to drive an N–channel power
MOSFET or IGBT in the high side configuration which operates from 10 to 600
volts.
• Floating Channel Designed for Bootstrap Operation
• Fully Operational to +600 V
• Tolerant to Negative Transient Voltage
• dV/dt Immune
• Gate Drive Supply Range from 10 to 20 V
• Undervoltage Lockout for Both Channels
• Separate Logic Supply
• Operating Supply Range from 5 to 20 V
• Logic and Power Ground Operating Offset Range from –5 to +5 V
• CMOS Schmitt–triggered Inputs with Pull–down
• Cycle by Cycle Edge–triggered Shutdown Logic
• Matched Propagation Delay for Both Channels
• Outputs In Phase with Inputs
PRODUCT SUMMARY
VOFFSET
600 V MAX
IO+/–
2 A/2 A
VOUT
10 – 20 V
ton/off (typical)
120 & 94 ns
Delay Matching
10 ns
PIN CONNECTIONS
(TOP VIEW)
8
HO
9
VDD
10
HIN
11
SD
12
LIN
13
VSS
14
7
6
5
4
3
2
1
VB
VS
VCC
COM
LO
9
HO
VDD
11
HIN
12
SD
13
LIN
14
VSS
15
8
7
6
5
4
3
2
VB
VS
VCC
COM
LO
14 LEADS PDIP MPIC2113P
16
1
10
16 LEADS SOIC (WIDE BODY)
MPIC2113DW
This document contains information on a new product. Specifications and information herein are subject
to change without notice.
Order this document
by MPIC2113/D
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
MPIC2113
Device
Package
HIGH AND LOW
SIDE DRIVER
ORDERING INFORMATION
MPIC2113P
PDIP
MPIC2113DW
SOIC WIDE
DW SUFFIX
PLASTIC PACKAGE
CASE 751G–02
SOIC – WIDE
16
1
P SUFFIX
PLASTIC PACKAGE
CASE 646–06
14
1
© Motorola, Inc. 1996


Similar Part No. - MPIC2113P

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPIC2111 MOTOROLA-MPIC2111 Datasheet
159Kb / 6P
HALF-BRIDGE DRIVER
MPIC2111D MOTOROLA-MPIC2111D Datasheet
159Kb / 6P
HALF-BRIDGE DRIVER
MPIC2111P MOTOROLA-MPIC2111P Datasheet
159Kb / 6P
HALF-BRIDGE DRIVER
MPIC2112 MOTOROLA-MPIC2112 Datasheet
160Kb / 6P
HIGH AND LOW SIDE DRIVER
MPIC2112DW MOTOROLA-MPIC2112DW Datasheet
160Kb / 6P
HIGH AND LOW SIDE DRIVER
More results

Similar Description - MPIC2113P

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRS2011PBF IRF-IRS2011PBF Datasheet
338Kb / 19P
HIGH AND LOW SIDE DRIVER
IRS2106 IRF-IRS2106_15 Datasheet
1Mb / 25P
HIGH AND LOW SIDE DRIVER
IRS2181 IRF-IRS2181_15 Datasheet
1Mb / 23P
HIGH AND LOW SIDE DRIVER
IRS2607DSPBF IRF-IRS2607DSPBF_15 Datasheet
833Kb / 28P
HIGH AND LOW SIDE DRIVER
logo
Anpec Electronics Corop...
APX7387 ANPEC-APX7387 Datasheet
175Kb / 17P
High Side and Low Side Driver
logo
Infineon Technologies A...
IR2101 INFINEON-IR2101 Datasheet
148Kb / 14P
HIGH AND LOW SIDE DRIVER
IRS2005PBF INFINEON-IRS2005PBF Datasheet
1Mb / 19P
High and Low Side Driver
April 23, 2020
IRS2101PBF INFINEON-IRS2101PBF Datasheet
1Mb / 15P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60250
IRS2112PBF INFINEON-IRS2112PBF Datasheet
1Mb / 19P
HIGH AND LOW SIDE DRIVER
Data Sheet No. PD60251
logo
Shenzhen Huazhimei Semi...
HM2101 HMSEMI-HM2101 Datasheet
385Kb / 5P
High and Low Side Driver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com