Electronic Components Datasheet Search
  English  ▼

X  

B5059 Datasheet(PDF) 4 Page - EPCOS

Part # B5059
Description  SAW Tx filter CDMA 800
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5059 Datasheet(HTML) 4 Page - EPCOS

  B5059 Datasheet HTML 1Page - EPCOS B5059 Datasheet HTML 2Page - EPCOS B5059 Datasheet HTML 3Page - EPCOS B5059 Datasheet HTML 4Page - EPCOS B5059 Datasheet HTML 5Page - EPCOS B5059 Datasheet HTML 6Page - EPCOS B5059 Datasheet HTML 7Page - EPCOS B5059 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
January 04, 2011
B5059
867.50 MHz
Please read cautions and warnings and
important notes at the end of this document.
SAW Components
SAW Tx filter
Data sheet
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
5
V
ESD voltage
VESD
1001)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Input power at
855.0 ...880.0MHz
PIN
15
dBm
10000hrs, CW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com