Electronic Components Datasheet Search
  English  ▼

X  

B5125 Datasheet(PDF) 3 Page - EPCOS

Part # B5125
Description  SAW filter DCS 1800 band I
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5125 Datasheet(HTML) 3 Page - EPCOS

  B5125 Datasheet HTML 1Page - EPCOS B5125 Datasheet HTML 2Page - EPCOS B5125 Datasheet HTML 3Page - EPCOS B5125 Datasheet HTML 4Page - EPCOS B5125 Datasheet HTML 5Page - EPCOS B5125 Datasheet HTML 6Page - EPCOS B5125 Datasheet HTML 7Page - EPCOS B5125 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
July 26, 2010
B5125
1740.00 MHz
SAW Components
SAW filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fN
—
1740.00
—
MHz
Minimum insertion attenuation
α
min
1710.0
... 1770.0
MHz
—
1.2
—
dB
Maximum insertion attenuation
α
max
1710.0
... 1770.0
MHz
—
2.2
3.2
dB
Amplitude ripple (p-p)
∆α
1710.0
... 1770.0
MHz
—
1.1
2.1
dB
Input VSWR
1710.0
... 1770.0
MHz
—
1.8:1
2.1:1
Output VSWR
1710.0
... 1770.0
MHz
—
1.8:1
2.1:1
Relative attenuation (relative to
α
min )
α
rel
10.0
... 1678.0
MHz
20.0
24.0
—
dB
1802.0
... 1805.0
MHz
10.0
40.0
—
dB
1805.0
... 1880.0
MHz
20.0
29.0
—
dB
1880.0
... 3200.0
MHz
20.0
29.0
—
dB
3200.0
... 5200.0
MHz
15.5
23.0
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com