Electronic Components Datasheet Search
  English  ▼

X  

B5130 Datasheet(PDF) 4 Page - EPCOS

Part # B5130
Description  SAW filter LTE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5130 Datasheet(HTML) 4 Page - EPCOS

  B5130 Datasheet HTML 1Page - EPCOS B5130 Datasheet HTML 2Page - EPCOS B5130 Datasheet HTML 3Page - EPCOS B5130 Datasheet HTML 4Page - EPCOS B5130 Datasheet HTML 5Page - EPCOS B5130 Datasheet HTML 6Page - EPCOS B5130 Datasheet HTML 7Page - EPCOS B5130 Datasheet HTML 8Page - EPCOS B5130 Datasheet HTML 9Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
4
April 30, 2010
B5130
847.00 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW filter
Data sheet
Characteristics
Temperature range for specification:
T
=
-40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
847.0
—
MHz
Maximum insertion attenuation
α
max
fC ±15.0MHz
—
2.4
3.4
dB
Amplitude ripple (p-p)
∆α
fC ±15.0MHz
—
1.2
2.2
dB
Group delay ripple (p-p)
∆τ
fC ±15.0MHz
—
40
60
ns
Mean value of absolute group delay
τ
fC ±15.0MHz
—
35
300
ns
Input VSWR
fC ±15.0MHz
—
1.9:1
2.2:1
Output VSWR
fC ±15.0MHz
—
2.1:1
2.3:1
Attenuation
α
10.0
...
582.0
MHz
34
37
—
dB
582.0
...
722.0
MHz
38
41
—
dB
722.0
...
792.0
MHz
30
32
—
dB
792.0
...
820.0
MHz
15
31
—
dB
902.0
...
928.0
MHz
33
36
—
dB
928.0
... 1300.0
MHz
30
33
—
dB
1300.0
... 3000.0
MHz
15
18
—
dB



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com