Electronic Components Datasheet Search
  English  ▼

X  

B5131 Datasheet(PDF) 3 Page - EPCOS

Part # B5131
Description  SAW RF filter for base stations LTE 800
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5131 Datasheet(HTML) 3 Page - EPCOS

  B5131 Datasheet HTML 1Page - EPCOS B5131 Datasheet HTML 2Page - EPCOS B5131 Datasheet HTML 3Page - EPCOS B5131 Datasheet HTML 4Page - EPCOS B5131 Datasheet HTML 5Page - EPCOS B5131 Datasheet HTML 6Page - EPCOS B5131 Datasheet HTML 7Page - EPCOS B5131 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
December 16, 2010
B5131
806.0 MHz
SAW Components
SAW RF filter
Data sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
=
-40 ˚C to +85 ˚C
Terminating source impedance:
ZS =50 Ω
Terminating load impedance:
ZL =50 Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
806.0
—
MHz
Minimum insertion attenuation
α
min
791.0
...
821.0
MHz
—
1.20
—
dB
Maximum insertion attenuation
α
max
791.0
...
821.0
MHz
—
1.8
3.0
dB
Amplitude ripple (p-p)
∆α
791.0
...
821.0
MHz
—
0.8
1.0
dB
Group delay ripple (p-p)
∆τ
791.0
...
821.0
MHz
—30
50
ns
Input return loss
791.0
...
821.0
MHz
911
—
dB
Output return loss
791.0
...
821.0
MHz
911
—
dB
Relative attenuation (relative to
α
min)
α
rel
1.0
...
715.4
MHz
25
31
—
dB
715.4
...
770.0
MHz
15
23
—
dB
832.0
...
880.0
MHz
13
15
—
dB
880.0
...
921.0
MHz
20
26
—
dB
921.0
... 3800.0
MHz
25
30
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com