Electronic Components Datasheet Search
  English  ▼

X  

B5154 Datasheet(PDF) 3 Page - EPCOS

Part # B5154
Description  SAW filter for base station TD-LTE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5154 Datasheet(HTML) 3 Page - EPCOS

  B5154 Datasheet HTML 1Page - EPCOS B5154 Datasheet HTML 2Page - EPCOS B5154 Datasheet HTML 3Page - EPCOS B5154 Datasheet HTML 4Page - EPCOS B5154 Datasheet HTML 5Page - EPCOS B5154 Datasheet HTML 6Page - EPCOS B5154 Datasheet HTML 7Page - EPCOS B5154 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
August 30, 2012
B5154
2595.0 MHz
SAW Components
SAW filter
Data sheet
Please read cautions and warnings and
important notes at the end of this document.
Characteristics
Temperature range for specification:
T
= –40 ˚C to +85 ˚C
Terminating source impedance:
ZS =
50
Ω
Terminating load impedance:
ZL =
50
Ω
min.
typ.
@ 25 ˚C
max.
Center frequency
fC
—
2595.0
—
MHz
Maximum insertion attenuation
α
max
2570.0 ... 2620.0MHz
—
2.6
3.0
dB
Amplitude ripple (p-p)
∆α
2570.0 ... 2620.0MHz
—
0.6
1.0
dB
Group delay ripple (p-p)
∆τ
2570.0 ... 2620.0MHz
—
8
15
ns
Absolute group delay
τ
2570.0 ... 2620.0MHz
—
20
40
ns
VSWR
2570.0 ... 2620.0 MHz
—
1.8:1
2.0:1
Attenuation
α
abs
10
...
2400 MHz
20
30
—
dB
2875
...
2930 MHz
25
29
—
dB
2930
...
6000 MHz
10
20
—
dB



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com