Electronic Components Datasheet Search
  English  ▼

X  

B5159 Datasheet(PDF) 4 Page - EPCOS

Part # B5159
Description  SAW RF filter for base station LTE
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5159 Datasheet(HTML) 4 Page - EPCOS

  B5159 Datasheet HTML 1Page - EPCOS B5159 Datasheet HTML 2Page - EPCOS B5159 Datasheet HTML 3Page - EPCOS B5159 Datasheet HTML 4Page - EPCOS B5159 Datasheet HTML 5Page - EPCOS B5159 Datasheet HTML 6Page - EPCOS B5159 Datasheet HTML 7Page - EPCOS B5159 Datasheet HTML 8Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
February 15, 2012
B5159
1747.5 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW RF filter
Data sheet
Matching network to 50
Ω unbalanced input and output
Element values depend upon board layout and properties.
VSWR
input 1710 ... 1785 MHz
—
1.6:1
2.2:1
output 1710 ... 1785 MHz
—
1.5:1
2.2:1
Temperature Drift
high temperature3) 1710 ... 1785 MHz
—
0.2
0.54)
dB
low temperature5) 1710 ... 1785 MHz
—
0.15
0.46)
dB
1) EVM calculation based on root raised cosine filtered QPSK signal
(fcRRC within 1717.5 ... 1782.5 MHz, bwRRC= 3.84 MHz)
2) EVM relaxed to 2.5 % for fc
RRC = 1712.5 MHz for temperatures below 0 ˚C
3) T
25˚C is transmission at 25 ˚C in dB,T100˚C at 100 ˚C in dB
4) 0.35 dB for frequency range 1715 ... 1780 MHz (roll-offs excluded)
5) T
25˚C is transmission at 25 ˚C in dB,T-33˚C at -33 ˚C in dB
6) 0.35 dB for frequency range 1715 ... 1780 MHz (roll-offs excluded)
Maximum ratings
Operable temperature range T
–40/+100 ˚C
Storage temperature range
Tstg
–40/+100 ˚C
DC voltage
VDC
5
V
ESD voltage
VESD
501)
1) acc. to JESD22-A115A (machine model), 1 negative & 1 positive pulse.
V
machine model, 1 pulse
Input power at
1710...1785MHz
PIN
22
dBm
24 h, 55
°C, CW
min.
typ.
@ 25 ˚C
max.
tempdrif t
hightemp
max T
25
°C
T
–
100
°C
() min T
25
°C
T
–
100
°C
()
–
2
--------------------------------------------------------------------------------------------------------------
=
tempdrif t
lowtemp
max T
25
°C
T
–
33
°
–C
() min T
25
°C
T
–
33
°
–C
()
–
2
--------------------------------------------------------------------------------------------------------------
=
L s1
L p2
L s3
Cp4
Ls1 = 13.0 nH
Lp2 =
5.6 nH
Ls3 =
4.3 nH
Cp4 =
1.5 pF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com