Electronic Components Datasheet Search
  English  ▼

X  

B5219 Datasheet(PDF) 4 Page - EPCOS

Part # B5219
Description  SAW IF filter LTE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5219 Datasheet(HTML) 4 Page - EPCOS

  B5219 Datasheet HTML 1Page - EPCOS B5219 Datasheet HTML 2Page - EPCOS B5219 Datasheet HTML 3Page - EPCOS B5219 Datasheet HTML 4Page - EPCOS B5219 Datasheet HTML 5Page - EPCOS B5219 Datasheet HTML 6Page - EPCOS B5219 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
September 07, 2012
B5219
192.0 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW IF filter
Data sheet
Matching network to 50
Ω unbalanced
Matching network to 50
Ω unbalanced input and 200 Ω balanced output
transformer only used for measurement in 50
Ω environment
(element values depend upon board layout and properties)
Maximum ratings
Operable temperature range T
–40/+85
˚C
Storage temperature range
Tstg
–40/+85
˚C
DC voltage
VDC
0
V
ESD voltage
VESD
10001)
1) acc. to JESD22-C101E (charged device model), 3 negative & 3 positive pulses.
V
charged device model, 3 pulses
Input power
PIN
10
dBm
Input power (peak)
PIN
22
dBm
cw < 100 hours
Cp1
Cp4
Ls2
Ls3
C p1
L s2
L
L
s3
s3
C p4
Cp1 =18 pF
Ls2 =68 nH
Ls3 =
68
nH
Cp4 =
6.8 pF
Cp1 =18 pF
Ls2 =68 nH
Ls3 =
82 nH
Cp4 =
10 pF



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com