Electronic Components Datasheet Search
  English  ▼

X  

B5251 Datasheet(PDF) 3 Page - EPCOS

Part # B5251
Description  SAW IF filter WLL
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B5251 Datasheet(HTML) 3 Page - EPCOS

  B5251 Datasheet HTML 1Page - EPCOS B5251 Datasheet HTML 2Page - EPCOS B5251 Datasheet HTML 3Page - EPCOS B5251 Datasheet HTML 4Page - EPCOS B5251 Datasheet HTML 5Page - EPCOS B5251 Datasheet HTML 6Page - EPCOS B5251 Datasheet HTML 7Page - EPCOS  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
May 03, 2012
B5251
307.2 MHz
SAW Components
SAW IF filter
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
Characteristics
Operating temperature range:
T
=
-40˚C to 85 ˚C
Terminating source impedance:
ZS =
50
Ω and matching network
Terminating load impedance:
ZL =
50
Ω and matching network
min.
typ.
@ 25 ˚C
max.
Nominal frequency
fN
—
307.2
—
MHz
Minimum insertion attenuation
(including matching network)
α
min
—
11
12.5
dB
Passband width
α
rel < 1.2 dB
Β
1.2 dB
41
46.2
—
MHz
α
rel < 3dB
Β
3 dB
43
48.0
—
MHz
Error vector magnitude
fN ,WCDMA(κ)1)± 1.92 MHz
1) fN,WCDMA(k)=287.9MHz+k*5MHz;
k=(0,1,2,3,4,5,6,7)
—2
3
%
Amplitude ripple (p-p)
∆α
fN ± 20.5 MHz
—
0.7
1.2
dB
Phase ripple (p-p)
∆ϕ
fN ± 20.5 MHz
—
6.2
10
deg
Absolute group delay
τ
fN ± 20.5 MHz
—
0.55
1.0
µs
Group delay ripple (p-p)
∆τ
fN ± 20.5 MHz
—
30
100
ns
Relative attenuation (relative to
α
min)
α
rel
100.00 MHz
...
210.00 MHz
45
53
—
dB
210.00 MHz
...
275.00 MHz
40
50
—
dB
339.00 MHz
...
400.00 MHz
38
42
—
dB
400.00 MHz
...
600.00 MHz
45
52
—
dB
600.00 MHz
...
1000.0 MHz
45
68
—
dB
Temperature coefficient of frequency
TCf
—
–75
—
ppm/K



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com