Electronic Components Datasheet Search
  English  ▼

X  

AMLBW-Z Datasheet(PDF) 4 Page - AIMTEC

Part # AMLBW-Z
Description  Up to 700mA | Step Up LED Driver
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AIMTEC [AIMTEC]
Direct Link  https://aimtec.com
Logo AIMTEC - AIMTEC

AMLBW-Z Datasheet(HTML) 4 Page - AIMTEC

  AMLBW-Z Datasheet HTML 1Page - AIMTEC AMLBW-Z Datasheet HTML 2Page - AIMTEC AMLBW-Z Datasheet HTML 3Page - AIMTEC AMLBW-Z Datasheet HTML 4Page - AIMTEC AMLBW-Z Datasheet HTML 5Page - AIMTEC AMLBW-Z Datasheet HTML 6Page - AIMTEC AMLBW-Z Datasheet HTML 7Page - AIMTEC AMLBW-Z Datasheet HTML 8Page - AIMTEC  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Series AMLBW-Z
Up to 700mA | Step Up LED Driver
www.aimtec.com
Tel: +1 514 620 2722
Toll free: + 1 888 9 AIMTEC
(924 6832)
F 051e R12.B
4 of 8
North America only
Dimensions
2
3
1
26.10
(1.03)
4
20.32
(0.80)
15.80
(0.62)
Top View
45.72
(1.80)
51.50
(2.03)
45.72
(1.80)
51.50
(2.03)
6.77
(0.27)
20.32
(0.80)
5
6
2
3
1
4
Bottom View
6.77
(0.27)
5
6
100.00
(3.94)
10.00
(0.39)
Stripped & Tinned
*Lead Wires are under the specifications of general lamps:
*Wire is UL 1015/CSATEM listed #22AWG / 600V / 105ºC
EN55022 Class B Filter Suggestion:
AMLBW-Z
+Vi
-Vi
1st
LED
+LED
1
1
PWM/Analog
Dimming Control
-LED
Last
LED
1
4
2
EN
3
5
6
L1
L2
C1
C2
TVS
NF
C3
DIM
+Vin
-Vin
C1à47uF/100V
C2à330uF/100V
C3à330uF/100V
TVSà38V
L1à13.3uH/4A
L2à13.3uH/4A
NFà3.9mH/4A(Command Choke)
Mechanical Tolerances
Wire Core Diameter 0.80±0.1(0.031±0.004) & 1.40±0.1(0.055±0.004)
Wire Outside Diameter 2.4±0.1(0.094±0.004) & 2.7±0.1(0.106±0.004)
Wire Length: 100+10 stripped & tinned = 110±5(4.33±0.197) total
Case Tolerance: ±0.50(±0.02)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com