Electronic Components Datasheet Search
  English  ▼

X  

MPIC2131 Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPIC2131
Description  3 HIGH SIDE & 3 LOW SIDE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2131 Datasheet(HTML) 5 Page - Motorola, Inc

  MPIC2131 Datasheet HTML 1Page - Motorola, Inc MPIC2131 Datasheet HTML 2Page - Motorola, Inc MPIC2131 Datasheet HTML 3Page - Motorola, Inc MPIC2131 Datasheet HTML 4Page - Motorola, Inc MPIC2131 Datasheet HTML 5Page - Motorola, Inc MPIC2131 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
MPIC2131
5
Motorola Power Products Division Advanced Data
Figure 1. Input / Output Timing Diagram
Figure 2. Switching Time Waveform
Definitions
Figure 3. Deadtime Waveform Definitions
LO
HO
HIN
LIN
50%
50%
50%
50%
DT
DT
HIN
LIN
ITRIP
FAULT
HO
LO
HIN
LIN
LO
HO
50%
50%
10%
10%
90%
90%
ton
tr
toff
tf
50%
50%
50%
50%
50%
tflt
LO2
FAULT
ITRIP
LIN2
titrip
tfltclr
Figure 4. Shutdown Waveform Definitions
FLT–CLR
SD
SD
FLT–CLR
tsd
50%
50%



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com