Electronic Components Datasheet Search
  English  ▼

X  

MSOP-8 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # MSOP-8
Description  A1 : MIN 0 MAX 0.20 A2 : MIN 0.75 MAX 0.95
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

MSOP-8 Datasheet(HTML) 1 Page - Analog Microelectronics

  MSOP-8 Datasheet HTML 1Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MSOP-8
WITH PLATING
e
TOP PKG
.
Top View
Front View
End View
E
E1
PIN 1
.
D
e1
BTM PKG
.
L
L1
L2
DETAIL A
b
A1
A2
A
b
b1
c1
c
B
SECTION B
- B
E1
B
See Detail A


Similar Part No. - MSOP-8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MSOP-8 DIODES-MSOP-8 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
logo
Unisonic Technologies
MSOP-8 UTC-MSOP-8 Datasheet
231Kb / 6P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Diodes Incorporated
MSOP-8 DIODES-MSOP-8 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
logo
Analog Microelectronics
MSOP-8 AME-MSOP-8 Datasheet
58Kb / 1P
A1 : MIN 0.000 MAX 0.150 A2 : MIN 0.750 MAX 0.950
MSOP-8 AME-MSOP-8 Datasheet
35Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
More results

Similar Description - MSOP-8

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
LQFP-48 AME-LQFP-48 Datasheet
64Kb / 1P
A1 : MIN 0.05 MAX 0.15 A2 : MIN 1.35 MAX 1.45
MSOP-8PP AME-MSOP-8PP Datasheet
58Kb / 1P
A1 : MIN 0.000 MAX 0.150 A2 : MIN 0.750 MAX 0.950
MSOP-10PP AME-MSOP-10PP Datasheet
61Kb / 1P
A1 : MIN 0.000 MAX 0.150 A2 : MIN 0.750 MAX 0.952
SC-70-4 AME-SC-70-4 Datasheet
73Kb / 1P
A : MIN 0.900 MAX 1.100 A1 : MIN 0.000 MAX 0.100
SC-70-6 AME-SC-70-6 Datasheet
68Kb / 1P
A : MIN 0.80 MAX 1.10 A1 : MIN 0.00 MAX .010
SOP-8 AME-SOP-8 Datasheet
69Kb / 1P
A : MIN 1.35 MAX 1.75 A1 : MIN 0.10 MAX 0.30
SOP-8PP AME-SOP-8PP Datasheet
61Kb / 1P
A : MIN 1.350 MAX 1.750 A1 : MIN 0 MAX 0.150
SOP-16 AME-SOP-16 Datasheet
89Kb / 1P
A : MIN 1.35 MAX 1.75 A1 : MIN 0.10 MAX 0.25
SOT-25 AME-SOT-25 Datasheet
55Kb / 1P
A : MIN 0.90 MAX 1.30 A1 : MIN 0.00 MAX 0.15
SOT-26 AME-SOT-26 Datasheet
80Kb / 1P
A : MIN 0.90 MAX 1.30 A1 : MIN 0.00 MAX 0.15
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com