Electronic Components Datasheet Search
  English  ▼

X  

MSOP-8 Datasheet(PDF) 1 Page - Analog Microelectronics

Part # MSOP-8
Description  Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

MSOP-8 Datasheet(HTML) 1 Page - Analog Microelectronics

  MSOP-8 Datasheet HTML 1Page - Analog Microelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. A
MSOP-8
Carrier Tape, Number of Components Per Reel and Reel Size
Package
Carrier Width (W)
Pitch (P)
Part Per Full Reel
Reel Size
MSOP-8
12.0±0.1 mm
4.0±0.1 mm
4000pcs
330±1 mm


Similar Part No. - MSOP-8

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MSOP-8 DIODES-MSOP-8 Datasheet
188Kb / 14P
SUGGESTED PAD LAYOUT
Rev 43
logo
Unisonic Technologies
MSOP-8 UTC-MSOP-8 Datasheet
231Kb / 6P
1.1W AUDIO POWER AMPLIFIER WITH SHUTDOWN MODE
logo
Diodes Incorporated
MSOP-8 DIODES-MSOP-8 Datasheet
404Kb / 27P
SUGGESTED PAD LAYOUT
Rev 52
logo
Analog Microelectronics
MSOP-8 AME-MSOP-8 Datasheet
90Kb / 1P
A1 : MIN 0 MAX 0.20 A2 : MIN 0.75 MAX 0.95
MSOP-8 AME-MSOP-8 Datasheet
58Kb / 1P
A1 : MIN 0.000 MAX 0.150 A2 : MIN 0.750 MAX 0.950
More results

Similar Description - MSOP-8

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
REEL-MSOP-8PP AME-REEL-MSOP-8PP Datasheet
27Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-MSOP-10PP AME-REEL-MSOP-10PP Datasheet
36Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-QFN-16B AME-REEL-QFN-16B Datasheet
36Kb / 1P
(4x4x0.75mm) Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-QFN-16C AME-REEL-QFN-16C Datasheet
27Kb / 1P
(3x3x0.75mm) Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-QFN-20A AME-REEL-QFN-20A Datasheet
27Kb / 1P
(4x4x0.75mm) Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SC-70-4 AME-REEL-SC-70-4 Datasheet
43Kb / 1P
Carrier Width (W) 8.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SOP-8 AME-REEL-SOP-8 Datasheet
36Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SOP-8-PP AME-REEL-SOP-8-PP Datasheet
35Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SOT-89 AME-REEL-SOT-89 Datasheet
37Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
REEL-SOT-223 AME-REEL-SOT-223 Datasheet
37Kb / 1P
Carrier Width (W) 12.0-0.1 mm Pitch (P) 4.0-0.1 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com