Electronic Components Datasheet Search
  English  ▼

X  

MPIC2131P Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPIC2131P
Description  3 HIGH SIDE & 3 LOW SIDE DRIVER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPIC2131P Datasheet(HTML) 2 Page - Motorola, Inc

  MPIC2131P Datasheet HTML 1Page - Motorola, Inc MPIC2131P Datasheet HTML 2Page - Motorola, Inc MPIC2131P Datasheet HTML 3Page - Motorola, Inc MPIC2131P Datasheet HTML 4Page - Motorola, Inc MPIC2131P Datasheet HTML 5Page - Motorola, Inc MPIC2131P Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPIC2131
2
Motorola Power Products Division Advanced Data
SIMPLIFIED BLOCK DIAGRAM
LATCH
UV
DETECTOR
DRIVER
PULSE
GENERATOR
LEVEL
SHIFTER
SET
RESET
LATCH
UV
DETECTOR
DRIVER
PULSE
GENERATOR
LEVEL
SHIFTER
SET
RESET
LATCH
UV
DETECTOR
DRIVER
SET
RESET
DRIVER
DRIVER
DRIVER
PULSE
GENERATOR
LEVEL
SHIFTER
INPUT
SIGNAL
GENERATOR
INPUT
SIGNAL
GENERATOR
INPUT
SIGNAL
GENERATOR
UNDER–
VOLTAGE
DETECTOR
FAULT
LOGIC
VCC
VB3
VS2
VS1
VB1
HO1
H1
L1
H2
L2
H3
L3
CURRENT
COMPARATOR
VB2
HO2
VS3
LO1
LO2
LO3
COM
HIN1
HIN2
HIN3
LIN1
LIN2
LIN3
FLT–CLR
VSS
ITRIP
HO3
0.5 V
SD
FAULT
VSS
ABSOLUTE MAXIMUM RATINGS
Absolute Maximum Ratings indicate sustained limits beyond which damage to the device may occur. All voltage parameters are absolute
voltages referenced to COM. The Thermal Resistance and Power Dissipation ratings are measured under board mounted and still air
conditions.
Rating
Symbol
Min
Max
Unit
High Side Floating Absolute Voltage
High Side Floating Supply Offset Voltage
High Side Floating Output Voltage
Low Side Output Voltage
Fixed Supply Voltage
Fixed Supply Offset Voltage
Logic Input Voltage (HIN–, LIN–, FLT–, CLR–, SD & ITRIP)
Fault Output Voltage
VB1,2,3
VS1,2,3
VHO1,2,3
VLO1,2,3
VCC
VSS
VIN
FAULT
–0.3
VB1,2,3–25
VS1,2,3–0.3
–0.3
–0.3
VCC–25
VSS–0.3
VSS–0.3
625
VB1,2,3+0.3
VB1,2,3+0.3
VCC+0.3
25
VCC+0.3
VCC+0.3
VCC+0.3
VDC
High Side Floating Supply Offset Voltage
High Side Floating Output Voltage
Low Side Output Voltage
Fixed Supply Voltage
Fixed Supply Offset Voltage
Logic Input Voltage (HIN–, LIN–, FLT–, CLR–, SD & ITRIP)
Fault Output Voltage
B1,2,3
VS1,2,3
VHO1,2,3
VLO1,2,3
VCC
VSS
VIN
FAULT
VB1,2,3–25
VS1,2,3–0.3
–0.3
–0.3
VCC–25
VSS–0.3
VSS–0.3
VB1,2,3+0.3
VB1,2,3+0.3
VCC+0.3
25
VCC+0.3
VCC+0.3
VCC+0.3
DC
High Side Floating Output Voltage
Low Side Output Voltage
Fixed Supply Voltage
Fixed Supply Offset Voltage
Logic Input Voltage (HIN–, LIN–, FLT–, CLR–, SD & ITRIP)
Fault Output Voltage
VHO1,2,3
VLO1,2,3
VCC
VSS
VIN
FAULT
VS1,2,3–0.3
–0.3
–0.3
VCC–25
VSS–0.3
VSS–0.3
VB1,2,3+0.3
VCC+0.3
25
VCC+0.3
VCC+0.3
VCC+0.3
Fixed Supply Voltage
Fixed Supply Offset Voltage
Logic Input Voltage (HIN–, LIN–, FLT–, CLR–, SD & ITRIP)
Fault Output Voltage
LO1,2,3
VCC
VSS
VIN
FAULT
–0.3
VCC–25
VSS–0.3
VSS–0.3
CC+0.3
25
VCC+0.3
VCC+0.3
VCC+0.3
Fixed Supply Offset Voltage
Logic Input Voltage (HIN–, LIN–, FLT–, CLR–, SD & ITRIP)
Fault Output Voltage
VSS
VIN
FAULT
VCC–25
VSS–0.3
VSS–0.3
VCC+0.3
VCC+0.3
VCC+0.3
Fault Output Voltage
IN
FAULT
SS–0.3
VSS–0.3
CC+0.3
VCC+0.3
Allowable Offset Supply Voltage Transient
dVS/dt
–
50
V/ns
*Package Power Dissipation @ TC ≤ +25°C (28 Lead DIP)
PD
–
1.5
Watt
Operating and Storage Temperature
Tj, Tstg
–55
150
°C
Thermal Resistance, Junction to Ambient (8 Lead DIP)
R
θJA
–
83
°C/W
Lead Temperature for Soldering Purposes, 10 seconds
TL
–
260
°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com