Electronic Components Datasheet Search
  English  ▼

X  

AM4407P Datasheet(PDF) 3 Page - Analog Power

Part # AM4407P
Description  P-Channel 30-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4407P Datasheet(HTML) 3 Page - Analog Power

  AM4407P Datasheet HTML 1Page - Analog Power AM4407P Datasheet HTML 2Page - Analog Power AM4407P Datasheet HTML 3Page - Analog Power AM4407P Datasheet HTML 4Page - Analog Power AM4407P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
AM4407P
Analog Power
September, 2002 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM4407_C
Typical Electrical Characteristics (P-Channel)
Figure 1. On-Region Characteristics
Figure 2. On-Resistance Variation with
Drain Current and Gate Voltage
Figure 3. On-Resistance Variation
with Temperature
Figure 4. On-Resistance Variation with
Gate to Source Voltage
Figure 6. Body Diode Forward Voltage Variation
with Source Current and Temperature
Figure 5. Transfer Characteristics
0
10
20
30
40
50
1.5
2
2.5
3
3.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -125
oC
25
oC
-55
oC
VDS = -5.0V
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
-VSD, BODY DIODE FORWARD VOLTAGE (V)
VGS = 0V
TA = 125
oC
25
oC
-55
oC
0
0.01
0.02
0.03
0.04
22.5
33.5
4
4.5
5
-VGS, GATE TO SOURCE VOLTAGE (V)
ID = -13A
TA = 125
oC
TA = 25
oC
0.6
0.8
1
1.2
1.4
-50
-25
0
25
50
75
100
125
TJ, JUNCTION TEMPERATURE (
oC)
ID = -13A
VGS = -10V
0.6
1
1.4
1.8
2.2
2.6
0
1020
3040
50
-ID, DIRAIN CURRENT (A)
VGS = -3.0V
-4.5V
-6.0V
-3.5V
-4.0V
-5.0V
-10V
0
10
20
30
40
50
0
0.5
1
1.5
2
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
-2.5V
-3.0V
-3.5V
-4.5V
-6.0V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com