Electronic Components Datasheet Search
  English  ▼

X  

MPQ7091 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPQ7091
Description  Quad Amplifier Transistors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPQ7091 Datasheet(HTML) 2 Page - Motorola, Inc

  MPQ7091 Datasheet HTML 1Page - Motorola, Inc MPQ7091 Datasheet HTML 2Page - Motorola, Inc MPQ7091 Datasheet HTML 3Page - Motorola, Inc MPQ7091 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPQ7091 MPQ7093
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = –1.0 mAdc, VCE = –10 Vdc)
(IC = –10 mAdc, VCE = –10 Vdc)
(IC = –30 mAdc, VCE = –10 Vdc)
hFE
25
35
25
40
55
50
—
—
—
—
Collector – Emitter Saturation Voltage
(IC = –20 mAdc, IB = –2.0 mAdc)
VCE(sat)
—
–0.3
–0.5
Vdc
Base – Emitter Saturation Voltage
(IC = –20 mAdc, IB = –2.0 mAdc)
VBE(sat)
—
–0.7
–0.9
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –10 mAdc, VCE = –20 Vdc, f = 100 MHz)
fT
50
70
—
MHz
Output Capacitance
(VCB = –20 Vdc, IE = 0, f =1.0 MHz)
Cobo
—
3.0
5.0
pF
Input Capacitance
(VEB = –3.0 Vdc, IC = 0, f = 1.0 MHz)
Cibo
—
60
75
pF
DC CHARACTERISTICS
Figure 1. DC Current Gain
Figure 2. “ON” Voltages
Figure 3. Temperature Coefficients
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
200
20
–100
–1.0
–2.0
–5.0
–10
–20
–50
100
30
50
70
TJ = 125°C
25
°C
–55
°C
–3.0
–30
VCE = –10 V
–100
–1.0
–0.8
–0.6
–0.4
–0.2
0
–1.0
–2.0
–5.0
–10
–20
–50
TJ = 25°C
VBE(sat) @ IC/IB = 10
VCE(sat) @ IC/IB = 10
VBE(on) @ VCE = –10 V
–3.0
–7.0
–30
–70
–1.2
–1.4
–100
2.0
1.0
0
–1.0
–2.0
–2.5
–1.0
–2.0
–5.0
–10
–20
–50
25
°C TO 125°C
–55
°C TO 25°C
–55
°C TO 125°C
qVB FOR VBE
qVC FOR VCE(sat)
–3.0
–7.0
–30
–70
–1.5
2.5
1.5
–0.5
0.5
IC/IB = 10
–7.0
–70
5.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com