Electronic Components Datasheet Search
  English  ▼

X  

AM4512C Datasheet(PDF) 4 Page - Analog Power

Part # AM4512C
Description  P & N-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4512C Datasheet(HTML) 4 Page - Analog Power

  AM4512C Datasheet HTML 1Page - Analog Power AM4512C Datasheet HTML 2Page - Analog Power AM4512C Datasheet HTML 3Page - Analog Power AM4512C Datasheet HTML 4Page - Analog Power AM4512C Datasheet HTML 5Page - Analog Power AM4512C Datasheet HTML 6Page - Analog Power AM4512C Datasheet HTML 7Page - Analog Power AM4512C Datasheet HTML 8Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
4
AM4512C
Analog Power
September, 2003 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM4512_N
0.0001
0.001
0.01
0.1
1
10
100
0
0.2
0.4
0.6
0.8
1
1.2
1.4
VSD, BODY DIODE FORWARD VOLTAGE (V)
TA = 125
oC
25
oC
VGS = 0V
0
0.02
0.04
0.06
0.08
0.1
24
68
10
VGS, GATE TO SOURCE VOLTAGE (V)
ID = 7 A
TA = 25
oC
1
1.2
1.4
1.6
1.8
2
2.2
-50
-25
0
25
50
75
100 125 150 175
TA, AMBIENT TEMPERATURE (oC)
VDS = VGS
ID = -250mA
0
10
20
30
40
50
0.001
0.01
0.1
1
10
100
t1, TIME (SEC)
SINGLE PULSE
RqJA = 125oC/W
TA = 25oC
0.001
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, TIME (s e c)
S INGLE P ULS E
0.01
0.02
0.0
0.1
0.2
D = 0.5
Rq J A(t) = r(t) + Rq JA
Rq J A = 1 2 5 oC/W
TJ - TA = P * Rq JA(t)
Duty Cycle, D = t1 / t2
P(p k)
t1
t2
Typical Electrical Characteristics (N-Channel)
Figure 11. Transient Thermal Response Curve
Figure 10. Single Pulse Maximum Power Dissipation
Figure 9. Vth Gate to Source Voltage Vs Temperature
Figure 7. Transfer Characteristics
Figure 8. On-Resistance with Gate to Source Voltage
Normalized Thermal Transient Junction to Ambient



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com