Electronic Components Datasheet Search
  English  ▼

X  

AM4512CE Datasheet(PDF) 3 Page - Analog Power

Part # AM4512CE
Description  P & N-Channel 30-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM4512CE Datasheet(HTML) 3 Page - Analog Power

  AM4512CE Datasheet HTML 1Page - Analog Power AM4512CE Datasheet HTML 2Page - Analog Power AM4512CE Datasheet HTML 3Page - Analog Power AM4512CE Datasheet HTML 4Page - Analog Power AM4512CE Datasheet HTML 5Page - Analog Power AM4512CE Datasheet HTML 6Page - Analog Power AM4512CE Datasheet HTML 7Page - Analog Power AM4512CE Datasheet HTML 8Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
AM4512CE
Analog Power
PRELIMINARY
Publication Order Number:
DS-AM4512CE_A
0
5
10
15
20
25
30
00.5
11.5
22.5
VDS, DRAIN-SOURCE VOLTAGE (V)
5.0V
VGS = 10V
6.0V
3.0V
4.0V
0
5
10
15
20
25
30
0.5
1.5
2.5
3.5
4.5
VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55oC
25oC
125oC
VDS = 5V
0.5
1
1.5
2
2.5
0
5
10
15
20
25
30
ID, DRAIN CURRENT (A)
4.5V
6.0V
10V
0
300
600
900
1200
1500
0
5
10
15
20
25
30
VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
CRSS
COSS
f = 1MHz
VGS = 0 V
Typical Electrical Characteristics (N-Channel)
0
2
4
6
8
10
03
6
9
12
15
Qg, GATE CHARGE (nC)
ID = 7A
15V
0.6
0.8
1.0
1.2
1.4
1.6
-50
-2 5
0
2 550
7510 0
12 5
150
TJ Juncation Temperature ( )
VGS = 10V
ID = 7A
Figure 1. On-Region Characteristics
Figure 2. Body Diode Forward Voltage Variation
with Source Current and Temperature
Figure 6. On-Resistance Variation with Temperature
Figure 5. Gate Charge Characteristics
Figure 4. Capacitance Characteristics
Figure 3. On Resistance Vs Vgs Voltage



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com