Electronic Components Datasheet Search
  English  ▼

X  

SMP100MC-320 Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMP100MC-320
Description  Trisil??for telecom equipment protection
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMP100MC-320 Datasheet(HTML) 1 Page - STMicroelectronics

  SMP100MC-320 Datasheet HTML 1Page - STMicroelectronics SMP100MC-320 Datasheet HTML 2Page - STMicroelectronics SMP100MC-320 Datasheet HTML 3Page - STMicroelectronics SMP100MC-320 Datasheet HTML 4Page - STMicroelectronics SMP100MC-320 Datasheet HTML 5Page - STMicroelectronics SMP100MC-320 Datasheet HTML 6Page - STMicroelectronics SMP100MC-320 Datasheet HTML 7Page - STMicroelectronics SMP100MC-320 Datasheet HTML 8Page - STMicroelectronics SMP100MC-320 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
February 2012
Doc ID 9699 Rev 5
1/13
13
SMP100MC
Trisil™ for telecom equipment protection
Features
Bidirectional crowbar protection
Voltage: range from 140 V to 400 V
Low VBO / VR ratio
Micro capacitance from 15 pF to 30 pF @ 50 V
Low leakage current: IR = 2 µA max
Holding current: IH = 150 mA min.
Repetitive peak pulse current:
IPP = 100 A (10/1000 µs)
Benefits
Trisils are not subject to ageing and provide a
fail safe mode in short circuit for better
protection.
Helps equipment meet main standards such as
UL60950, IEC 950 / CSA C22.2 and UL1459.
Epoxy meets UL94, V0.
Package is JEDEC registered (DO-214AA).
Complies with the following standards
GR-1089 Core
ITU-T-K20/K21
IEC 61000-4-5
TIA/EIA IS-968
UL497B recognized, UL file E136224
Applications
Any sensitive equipment requiring protection
against lightning strikes and power crossing:
Terminals (phone, fax, modem...) and central
office equipment
ADSL2+ and low end VDSL
Description
The SMP100MC is a series of micro capacitance
transient surge arrestors designed for the
protection of high debit rate communication
equipment. Its micro capacitance avoids any
distortion of the signal and is compatible with
digital transmission line cards (ADSL, VDSL,
ISDN...).
SMP100MC series has been tested and
confirmed compatible with Cooper Bussmann
Telecom Circuit Protector TCP 1.25 A.
TM: Trisil is a trademark of STMicroelectronics.
SMB
(JEDEC DO-214AA)
www.st.com


Similar Part No. - SMP100MC-320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP100MC-120 STMICROELECTRONICS-SMP100MC-120 Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP100MC-140 STMICROELECTRONICS-SMP100MC-140 Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP100MC-160 STMICROELECTRONICS-SMP100MC-160 Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP100MC-200 STMICROELECTRONICS-SMP100MC-200 Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP100MC-230 STMICROELECTRONICS-SMP100MC-230 Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
More results

Similar Description - SMP100MC-320

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMP50-XXX STMICROELECTRONICS-SMP50-XXX Datasheet
81Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
SMP100MC STMICROELECTRONICS-SMP100MC Datasheet
108Kb / 10P
TRISIL™ FOR TELECOM EQUIPMENT PROTECTION
December 2004 REV. 1
SMP80MC STMICROELECTRONICS-SMP80MC Datasheet
85Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
20-Jun-2005
SMP50 STMICROELECTRONICS-SMP50 Datasheet
106Kb / 10P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
16-Nov-2004
SMP30 STMICROELECTRONICS-SMP30_04 Datasheet
87Kb / 9P
TRISIL FOR TELECOM EQUIPMENT PROTECTION
13-Dec-2004
SMP50 STMICROELECTRONICS-SMP50_07 Datasheet
129Kb / 11P
Trisil for telecom equipment protection
12-Jun-2007
SMP80MC STMICROELECTRONICS-SMP80MC_07 Datasheet
118Kb / 10P
TRISIL for telecom equipment protection
18-Jan-2007
SMP100LC STMICROELECTRONICS-SMP100LC_07 Datasheet
148Kb / 12P
Trisil for telecom equipment protection
05-Mar-2007
SMP100LC-65 STMICROELECTRONICS-SMP100LC-65 Datasheet
65Kb / 8P
TELECOM EQUIPMENT PROTECTION: TRISIL?
Jul-2002
SMP75 STMICROELECTRONICS-SMP75 Datasheet
89Kb / 9P
Trisil??for telecom equipment protection
19-Oct-2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com