Electronic Components Datasheet Search
  English  ▼

X  

MPS2222 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPS2222
Description  General Purpose Transistors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS2222 Datasheet(HTML) 2 Page - Motorola, Inc

  MPS2222 Datasheet HTML 1Page - Motorola, Inc MPS2222 Datasheet HTML 2Page - Motorola, Inc MPS2222 Datasheet HTML 3Page - Motorola, Inc MPS2222 Datasheet HTML 4Page - Motorola, Inc MPS2222 Datasheet HTML 5Page - Motorola, Inc MPS2222 Datasheet HTML 6Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MPS2222 MPS2222A
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS
DC Current Gain
(IC = 0.1 mAdc, VCE = 10 Vdc)
(IC = 1.0 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc)
(IC = 10 mAdc, VCE = 10 Vdc, TA = –55°C)
MPS2222A only
(IC = 150 mAdc, VCE = 10 Vdc)(1)
(IC = 150 mAdc, VCE = 1.0 Vdc)(1)
(IC = 500 mAdc, VCE = 10 Vdc)(1)
MPS2222
MPS2222A
hFE
35
50
75
35
100
50
30
40
—
—
—
—
300
—
—
—
—
Collector – Emitter Saturation Voltage(1)
(IC = 150 mAdc, IB = 15 mAdc)
MPS2222
MPS2222A
(IC = 500 mAdc, IB = 50 mAdc)
MPS2222
MPS2222A
VCE(sat)
—
—
—
—
0.4
0.3
1.6
1.0
Vdc
Base – Emitter Saturation Voltage(1)
(IC = 150 mAdc, IB = 15 mAdc)
MPS2222
MPS2222A
(IC = 500 mAdc, IB = 50 mAdc)
MPS2222
MPS2222A
VBE(sat)
—
0.6
—
—
1.3
1.2
2.6
2.0
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product(2)
(IC = 20 mAdc, VCE = 20 Vdc, f = 100 MHz)
MPS2222
MPS2222A
fT
250
300
—
—
MHz
Output Capacitance
(VCB = 10 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
8.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
MPS2222
MPS2222A
Cibo
—
—
30
25
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
hie
2.0
0.25
8.0
1.25
k
Ω
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
hre
—
—
8.0
4.0
X 10– 4
Small–Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
hfe
50
75
300
375
—
Output Admittance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
(IC = 10 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
MPS2222A
hoe
5.0
25
35
200
mmhos
Collector Base Time Constant
(IE = 20 mAdc, VCB = 20 Vdc, f = 31.8 MHz)
MPS2222A
rb
′Cc
—
150
ps
Noise Figure
(IC = 100 mAdc, VCE = 10 Vdc, RS = 1.0 kΩ, f = 1.0 kHz)
MPS2222A
NF
—
4.0
dB
SWITCHING CHARACTERISTICS
MPS2222A only
Delay Time
(VCC = 30 Vdc, VBE(off) = –0.5 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc) (Figure 1)
td
—
10
ns
Rise Time
(VCC = 30 Vdc, VBE(off) = –0.5 Vdc,
IC = 150 mAdc, IB1 = 15 mAdc) (Figure 1)
tr
—
25
ns
Storage Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB1 = IB2 = 15 mAdc) (Figure 2)
ts
—
225
ns
Fall Time
(VCC = 30 Vdc, IC = 150 mAdc,
IB1 = IB2 = 15 mAdc) (Figure 2)
tf
—
60
ns
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
2. fT is defined as the frequency at which |hfe| extrapolates to unity.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com