Electronic Components Datasheet Search
  English  ▼

X  

ISL70001ASEHFE Datasheet(PDF) 19 Page - Intersil Corporation

Part # ISL70001ASEHFE
Description  Rad Hard and SEE Hard 6A Synchronous Buck Regulator
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL70001ASEHFE Datasheet(HTML) 19 Page - Intersil Corporation

Back Button ISL70001ASEHFE Datasheet HTML 15Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 16Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 17Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 18Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 19Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 20Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 21Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 22Page - Intersil Corporation ISL70001ASEHFE Datasheet HTML 23Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 25 page
background image
ISL70001ASEH
19
FN8365.0
May 22, 2013
3. Place an array of thermal vias below the thermal land.
- Via array size: ~8x8=64 thermal vias
- Via diameter: ~0.3mm drill diameter with plated copper on
the inside of each via.
- Via pitch: ~1.2mm.
- Vias should drop to and contact as much buried metal area
as feasible to provide the best thermal relief.
Heat Sink Electrical Potential
The heat sink is electrically isolated and unbiased. The heatsink
may be electrically connected to any potential which offers the
best thermal relief through conductive mounting materials
(conductive epoxy, solder, etc) or may be left unbiased through
the use of electrically non-conductive mounting materials
(non-conductive epoxy, Sil-pad, kapton film, etc.).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com