Electronic Components Datasheet Search
  English  ▼

X  

AM8958C Datasheet(PDF) 5 Page - Analog Power

Part # AM8958C
Description  P & N-Channel 32-V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM8958C Datasheet(HTML) 5 Page - Analog Power

  AM8958C Datasheet HTML 1Page - Analog Power AM8958C Datasheet HTML 2Page - Analog Power AM8958C Datasheet HTML 3Page - Analog Power AM8958C Datasheet HTML 4Page - Analog Power AM8958C Datasheet HTML 5Page - Analog Power AM8958C Datasheet HTML 6Page - Analog Power AM8958C Datasheet HTML 7Page - Analog Power AM8958C Datasheet HTML 8Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
5
AM8958C
Analog Power
September, 2003 - Rev. A
PRELIMINARY
Publication Order Number:
DS-AM8958_F
0
10
20
30
0
12345
6
-VDS, DRAIN TO SOURCE VOLTAGE (V)
VGS = -10V
-3.0V
-4.0V
-5.0V
-6.0V
0
3
6
9
12
15
11.522.533.544.5
-VGS, GATE TO SOURCE VOLTAGE (V)
TA = -55
oC
25
oC
125
oC
VDS = -5V
0.8
1
1.2
1.4
1.6
1.8
2
0
6
12
18
24
30
-ID, DRAIN CURRENT (A)
-4.5V
-6.0V
-10V
0
100
200
300
400
500
600
700
800
0
5
10
15
20
25
30
-VDS, DRAIN TO SOURCE VOLTAGE (V)
CISS
COSS
CRSS
f = 1 MHz
VGS = 0 V
0
2
4
6
8
10
02
4
6
8
10
Qg, GATE CHARGE (nC)
ID = -5.7A
-15V
0.6
0.8
1.0
1.2
1.4
1.6
-50
-25
0
25
50
75
100
125 150
TJ Juncation Temperature (C)
VGS = 10V
ID = 5.7A
Typical Electrical Characteristics (P-Channel)
Figure 1. On-Region Characteristics
Figure 2. Body Diode Forward Voltage Variation
with Source Current and Temperature
Figure 3. On Resistance Vs Vgs Voltage
Figure 4. Capacitance Characteristics
Figure 5. Gate Charge Characteristics
Figure 6. On-Resistance Variation with Temperature



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com