Electronic Components Datasheet Search
  English  ▼

X  

AP3422 Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AP3422
Description  Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3422 Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AP3422 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3422 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Preliminary Datasheet
Dual 1.1MHz, 800mA Synchronous DC-DC Buck Converter
AP3422
Sep. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
3
Functional Block Diagram
Shutdown
Control
Slope
Compensation
Oscillator
VREF with
Soft-start
PWM
Comparator
Control
Logic
Current Limit
Detector
Current
Sense
Driver
Over
Temperature
Detector
Error
Amplifier
0.6V
EN1, EN2
VIN1, VIN2
SW1,
SW2
GND1, GND2
FB1,
FB2
1, 6
8, 3
2, 7
10,5
9, 4
Figure 3. Functional Block Diagram of AP3422 (Diagram represents
½ of the AP3422)
Ordering Information
AP3422
-
Circuit Type
Package
DN: DFN-3×3-10
Package
Temperature
Range
Part Number
Marking ID
Packing Type
DFN-3×3-10
-40 to 85 ºC
AP3422DNTR-G1
BDC
Tape & Reel
BCD Semiconductor's Pb-free products, as designated with "G1" suffix in the part number, are RoHS
compliant and green.
G1: Green
TR: Tape & Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com