Electronic Components Datasheet Search
  English  ▼

X  

AP3423 Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # AP3423
Description  1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AP3423 Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  AP3423 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AP3423 Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Data Sheet
1.2A, 1.4MHz, Dual Synchronous DC-DC Buck Converter
AP3423
Oct. 2011 Rev. 1. 1
BCD Semiconductor Manufacturing Limited
2
Pin Configuration
DN Package
(DFN-3×3-12)
Figure 2. Pin Configuration of AP3423 (Top View)
Pin Description
Pin
Number
Pin Name
Description
1
VIN2
Power input supply of channel 2. Decouple this pin to GND with a
capacitor
2
SW2
Internal power switch output of channel 2. Connect this pin with one
terminal of the inductor
3, 9
GND
Power ground. Connect this pin as close as possible to CIN and COUT
4
FB1
Feedback voltage of channel 1. This pin is the inverting input of internal
error amplifier. It senses the converter output voltage through an external
resistor divider. The internal reference voltage is 0.6V, which determines
the output voltage through the resistor divider
5, 11
NC
No connection
6
EN1
Chip enable of channel 1 (Active high)
7
VIN1
Power input supply of channel 1. Decouple this pin to GND with a
capacitor
8
SW1
Internal power switch output of channel 1. Connect this pin with one
terminal of the inductor
10
FB2
Feedback voltage of channel 2. This pin is the inverting input of internal
error amplifier. It senses the converter output voltage through an external
resistor divider. The internal reference voltage is 0.6V, which determines
the output voltage through the resistor divider
12
EN2
Chip enable of channel 2 (Active high)



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com