Electronic Components Datasheet Search
  English  ▼

X  

VOL618A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # VOL618A
Description  Optocoupler, Phototransistor Output, Low Input Current, 4 Pin LSOP, Long Creepage Mini-Flat Package
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VOL618A Datasheet(HTML) 2 Page - Vishay Siliconix

  VOL618A Datasheet HTML 1Page - Vishay Siliconix VOL618A Datasheet HTML 2Page - Vishay Siliconix VOL618A Datasheet HTML 3Page - Vishay Siliconix VOL618A Datasheet HTML 4Page - Vishay Siliconix VOL618A Datasheet HTML 5Page - Vishay Siliconix VOL618A Datasheet HTML 6Page - Vishay Siliconix VOL618A Datasheet HTML 7Page - Vishay Siliconix VOL618A Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
VOL618A
www.vishay.com
Vishay Semiconductors
Rev. 1.7, 30-Jan-13
2
Document Number: 82405
For technical questions, contact: optocoupleranswers@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
• Stresses in excess of the absolute maximum ratings can cause permanent damage to the device. Functional operation of the device is not
implied at these or any other conditions in excess of those given in the operational sections of this document. Exposure to absolute
maximum ratings for extended periods of the time can adversely affect reliability.
(1) Refer to reflow profile for soldering conditions for surface mounted devices.
Fig. 1 - Total Power Dissipation vs. Ambient Temperature
Note
• Minimum and maximum values are testing requirements. Typical values are characteristics of the device and are the result of engineering
evaluation. Typical values are for information only and are not part of the testing requirements.
ABSOLUTE MAXIMUM RATINGS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
SYMBOL
VALUE
UNIT
INPUT
Reverse voltage
VR
6V
Power dissipation
Pdiss
100
mW
Forward current
IF
60
mA
Junction temperature
Tj
125
°C
OUTPUT
Collector emitter voltage
VCEO
80
V
Emitter collector voltage
VECO
7V
Collector current
IC
50
mA
tp/T = 0.5, tp < 10 ms
IC
100
mA
Power dissipation
Pdiss
150
mW
Junction temperature
Tj
125
°C
COUPLER
Isolation test voltage between emitter and detector
t = 1 min
VISO
5000
VRMS
Total power dissipation
Ptot
250
mW
Storage temperature range
Tstg
- 55 to + 125
°C
Ambient temperature range
Tamb
- 55 to + 110
°C
Soldering temperature (1)
 10 s
Tsld
260
°C
ELECTRICAL CHARACTERISTICS (Tamb = 25 °C, unless otherwise specified)
PARAMETER
TEST CONDITION
PART
SYMBOL
MIN.
TYP.
MAX.
UNIT
INPUT
Forward voltage
IF = 5 mA
VF
1.16
1.5
V
Capacitance
VR = 0 V, f = 1 MHz
CO
45
pF
Reverse current
VR = 6 V
IR
100
μA
OUTPUT
Collector emitter leakage current
VCE = 10 V, IF = 0 A
ICEO
10
200
nA
Collector emitter capacitance
VCE = 5 V, f = 1 MHz
CCE
7pF
COUPLER
Collector emitter saturation
voltage
IC = 0.32 mA, IF = 1 mA
VOL618A-2
VCEsat
0.25
0.4
V
IC = 0.5 mA, IF = 1 mA
VOL618A-3
VCEsat
0.25
0.4
V
IC = 0.8 mA, IF = 1 mA
VOL618A-4
VCEsat
0.25
0.4
V
Coupling capacitance
f = 1 MHz
CC
0.25
pF
0
50
100
150
200
250
300
0
20
40
60
80
100
120
T
amb - Ambient Temperature (°C)
Coupled device
Phototransistor
IR-diode



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com