Electronic Components Datasheet Search
  English  ▼

X  

MPS3640 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPS3640
Description  Switching Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS3640 Datasheet(HTML) 2 Page - Motorola, Inc

  MPS3640 Datasheet HTML 1Page - Motorola, Inc MPS3640 Datasheet HTML 2Page - Motorola, Inc MPS3640 Datasheet HTML 3Page - Motorola, Inc MPS3640 Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MPS3640
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = –10 mAdc, VCE = –0.3 Vdc)
(IC = –50 mAdc, VCE = –1.0 Vdc)
hFE
30
20
120
—
—
Collector – Emitter Saturation Voltage
(IC = –10 mAdc, IB = –1.0 mAdc)
(IC = –50 mAdc, IB = –5.0 mAdc)
(IC = –10 mAdc, IB = –1.0 mAdc, TA = 65°C)
VCE(sat)
—
—
—
–0.2
–0.6
–0.25
Vdc
Base – Emitter Saturation Voltage
(IC = –10 mAdc, IB = –0.5 mAdc)
(IC = –10 mAdc, IB = –1.0 mAdc)
(IC = –50 mAdc, IB = –5.0 mAdc)
VBE(sat)
–0.75
–0.75
—
–0.95
–1.0
–1.5
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = –10 mAdc, VCE = –5.0 Vdc, f = 100 MHz)
fT
500
—
MHz
Output Capacitance
(VCB = –5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
3.5
pF
Input Capacitance
(VEB = –0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
—
3.5
pF
SWITCHING CHARACTERISTICS
Delay Time
(VCC = –6.0 Vdc, IC = –50 mAdc, VBE(off) = –1.9 Vdc,
IB1 = –5.0 mAdc)
td
—
10
ns
Rise Time
IB1 = –5.0 mAdc)
tr
—
30
ns
Storage Time
(VCC = –6.0 Vdc, IC = –50 mAdc, IB1 = IB2 = –5.0 mAdc)
ts
—
20
ns
Fall Time
tf
—
12
ns
Turn–On Time
(VCC = –6.0 Vdc, IC = –50 mAdc, IB1 = –5.0 mAdc)
(VCC = –1.5 Vdc, IC = –10 mAdc, IB1 = –0.5 mAdc)
ton
—
—
25
60
ns
Turn–Off Time
(VCC = –6.0 Vdc, IC = –50 mAdc, IB1 = IB2 = –5.0 mAdc)
(VCC = –1.5 Vdc, IC = –10 mAdc, IB1 = IB2 = –0.5 mAdc)
toff
—
—
35
75
ns
1. Pulse Test: Pulse Width
v 300 ms, Duty Cycle v 2.0%.
VBB = +1.9 V VCC = –6.0 V
0
–6.8 V
Vin
51
0.1
µF
1.0 k
110
Vout
680
PULSE SOURCE
RISE TIME
≤ 1.0 ns
PULSE WIDTH
≥ 100 ns
Zin = 50 OHMS
FALL TIME
≤ 1.0 ns
TO SAMPLING SCOPE
INPUT Z
≥ 100 k
RISE TIME
≤ 1.0 ns
NOTES: Collector Current = 50 mA,
NOTES: Turn–On and Turn–Off Time
NOTES: Base Currents = 5.0 mA.
VBB = –6.0 V VCC = 1.5 V
0
5.0 V
Vin
51
0.1
µF
5.0 k
130
Vout
5.0 k
PULSE SOURCE
RISE TIME
≤ 1.0 ns
PULSE WIDTH
≥ 200 ns
Zin = 50 OHMS
FALL TIME
≤ 1.0 ns
TO SAMPLING SCOPE
INPUT Z
≥ 100 k
RISE TIME
≤ 1.0 ns
Figure 1.
Figure 2.
NOTES: Collector Current = 10 mA,
NOTES: Turn–On and Turn–Off Time
NOTES: Base Currents = 0.5 mA.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com