Electronic Components Datasheet Search
  English  ▼

X  

AT2041 Datasheet(PDF) 1 Page - BCD Semiconductor Manufacturing Limited

Part # AT2041
Description  Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AT2041 Datasheet(HTML) 1 Page - BCD Semiconductor Manufacturing Limited

  AT2041 Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AT2041 Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AT2041 Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AT2041 Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AT2041 Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AT2041 Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AT2041 Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Sheet
Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT2041
Aug. 2012
Rev. 1.1
BCD Semiconductor Manufacturing Limited
1
General Description
BCD ITVS (Integrated Transient Voltage Suppression)
devices are designed and built using a BCD
proprietary
process
based
on
BCD
standard
technology. These devices integrate the various diodes,
transistors and resistors required to build these ITVS
products. These diodes and transistors feature low
parasitic resistance and the diodes also exhibit low
capacitance. Using these devices, BCD is able to
design
voltage
clamping
products
where
low
capacitance associated with low dynamic resistance is
required.
The BCD AT2041 is a general purpose, high
performance and low cost device exhibiting higher
surge capability, suitable for protecting high speed
data interfaces. The AT2041 is a unique design
integrating low capacitance steering diodes, a blocking
diode and a clamping cell, specially created to protect
sensitive
components
connected
to
data
and
transmission lines.
The AT2041 is available in SOT-23-6 package. This
package allows simple and optimal placement in
existing high-speed PCB layout.
Figure 1. Package Type of AT2041
SOT-23-6
Features
•
Low Clamping Voltage:
Typical 8V at 10A 100ns, TLP, VCC to VSS
Typical 9V at 10A 100ns, TLP, I/O to VSS
11.2V at 12A 8
μs/20μs, VCC to VSS
11V at 10A 8
μs/20μs, I/O to VSS
•
IEC 61000-4-2: ±30kV (VCC to VSS, Air)
±30kV (VCC to VSS, Contact)
•
IEC 61000-4-2: ±30kV (I/O to VSS, Air)
±30kV (I/O to VSS, Contact)
•
IEC 61000-4-5: ±12A (VCC to VSS)
•
IEC 61000-4-5: ±10A (I/O to VSS)
•
Input Capacitance from I/O to VSS: 1.0pF
•
TLP Dynamic Resistance, I/O to VSS: 0.25
Ω
•
Monolithic Silicon Technology
Application
•
VGA
•
USB 2.0 Power/Data Lines Protection
•
IEEE 1394
•
Laptop and Personal Computers
•
Flat Panel Displays
•
Video Graphics Cards
•
SIM Ports


Similar Part No. - AT2041

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT204 ETC2-AT204 Datasheet
3Mb / 33P
Accessories Hardware
AT204 ETC-AT204 Datasheet
3Mb / 34P
Accessories Hardware
logo
BCD Semiconductor Manuf...
AT2042 BCDSEMI-AT2042 Datasheet
298Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
AT2042K6-5.0TRG1 BCDSEMI-AT2042K6-5.0TRG1 Datasheet
298Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
More results

Similar Description - AT2041

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AT1020 BCDSEMI-AT1020 Datasheet
283Kb / 7P
General Purpose ITVS, 2 I/Os, CI/O-VSS<1.1pF, with VCC
AT1040 BCDSEMI-AT1040 Datasheet
304Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1041 BCDSEMI-AT1041 Datasheet
511Kb / 7P
Higher Surge ITVS, 4 I/Os, CI/O-VSS<1.5pF, with VCC
AT1042 BCDSEMI-AT1042 Datasheet
305Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.1pF, VCC
AT1140 BCDSEMI-AT1140 Datasheet
382Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT1240 BCDSEMI-AT1240 Datasheet
322Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<0.65pF
AT2042 BCDSEMI-AT2042 Datasheet
298Kb / 7P
General Purpose ITVS, 4 I/Os, CI/O-VSS<1.5pF
AT2140 BCDSEMI-AT2140 Datasheet
332Kb / 7P
High Performance ITVS, 4 I/Os, CI/O-VSS<0.6pF, VCC with Blocking Diodes
logo
SPANSION
S34ML01G200TFI000 SPANSION-S34ML01G200TFI000 Datasheet
2Mb / 68P
1 Gb, 2 Gb, 4 Gb Densities: 4-bit ECC, x8 I/O and 3V VCC
logo
Cypress Semiconductor
S34ML16G2 CYPRESS-S34ML16G2 Datasheet
440Kb / 18P
16-Gbit, 4-Bit ECC, 횞8 I/O, 3 V VCC NAND Flash for Embedded
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com