Electronic Components Datasheet Search
  English  ▼

X  

AZ494AP Datasheet(PDF) 3 Page - BCD Semiconductor Manufacturing Limited

Part # AZ494AP
Description  PULSE-WIDTH-MODULATION CONTROL CIRCUITS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

AZ494AP Datasheet(HTML) 3 Page - BCD Semiconductor Manufacturing Limited

  AZ494AP Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited AZ494AP Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited AZ494AP Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited AZ494AP Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited AZ494AP Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited AZ494AP Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited AZ494AP Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited AZ494AP Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited AZ494AP Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
AZ494A/C
Data Sheet
3
Sep. 2009 Rev. 1. 4
BCD Semiconductor Manufacturing Limited
Ordering Information
Package
Temperature
Range
Part Number
Marking ID
Packing Type
Tin Lead
Lead Free
Tin Lead
Lead Free
SOIC-16
-40 to 85oC
AZ494AM
AZ494AM-E1
AZ494AM
AZ494AM-E1
Tube
AZ494AMTR
AZ494AMTR-E1
AZ494AM
AZ494AM-E1
Tape & Reel
AZ494CM
AZ494CM-E1
AZ494CM
AZ494CM-E1
Tube
AZ494CMTR
AZ494CMTR-E1
AZ494CM
AZ494CM-E1
Tape & Reel
DIP-16
AZ494AP
AZ494AP-E1
AZ494AP
AZ494AP-E1
Tube
AZ494CP
AZ494CP-E1
AZ494CP
AZ494CP-E1
Tube
BCD Semiconductor's Pb-free products, as designated with "E1" suffix in the part number, are RoHS compliant.
Circuit Type
Reference Voltage
E1: Lead Free
Blank: Tin Lead
AZ494
-
TR: Tape and Reel
Blank: Tube
Package
M: SOIC-16
P: DIP-16
A: 4.95V
C: 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com