Electronic Components Datasheet Search
  English  ▼

X  

B5818WS Datasheet(PDF) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # B5818WS
Description  SCHOTTKY BARRIER DIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

B5818WS Datasheet(HTML) 2 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  B5818WS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd B5818WS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd B5818WS Datasheet HTML 3Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATINGS AND CHARACTERISTIC CURVES B5817WS-B5819WS
0
10
100
NUMBER OF CYCLES AT 60Hz
FIG. 2-MAXIMUM NON-REPETITIVE PEAK
FORWARD SURGE CURRENT
FIG. 1- FORWARD CURRENT DERATING CURVE
30
25
20
15
10
5
0
CASE
TEMPERATURE(C)
1.25
1.0
0.75
0.5
0.25
0
0
20
40
60
80
100
120
140
FIG. 3- TYPICAL INSTANTANEOUS
FORWARD CHARACTERISTICS
0
0.4
0.8
1.2
1.6
50
10
1.0
0.1
0.01
INSTANTANEOUS FORWARD VOLTAGE(V)
FIG. 4- TYPICAL REVERSE CHARACTERISTICS
0
20
40
60
80
100
100
10
1.0
0.1
0.01
0.001
PERCENT OF RATED PEAK PEVERSE VOLTAGE
(%)
TJ=125 C
FIG. 5- TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE (V)
400
100
10
0
1
10
100
Resistive or inductive
load0.375''(9.5mm)
lead length
TJ=25 C
Pulse width=300us
1% duty cycle
TJ=125 C
TJ=75 C
TJ=25 C
0
1
10
100
100
10
1
0.1
FIG. 6-TYPICAL TRANSIENT
THERMAL IMPEDANCE
t--PULSE DURATION
(sec.)
TJ=25 C
f=1.0MHz
Vsp=50mVp-p
MDD ELECTRONIC



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com