Electronic Components Datasheet Search
  English  ▼

X  

BAT43WS Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # BAT43WS
Description  SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

BAT43WS Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  BAT43WS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd BAT43WS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
BAT42WS-BAT43WS
SCHOTTKY DIODES
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Marking: BAT42WS:S7, BAT43WS:S8
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
200
500
4.0
200
625
-55 to +125
Low forward voltage drop
Fast switching time
Surface mount package ideally suited
for automatic insertion
Also available in lead free version
Maximum ratings and electrical characteristics, Single diode @TA=25C
VOLTS
SYMBOLS
UNITS
VRRM
VRWM
VR
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC Blocking voltage
RMS Reverse voltage
Forward continuous current
Repetitive peak forward current @<1.0s
Peak forward surge current @<10ms
Power dissipation
Thermal resistance junction to ambient
Storage temperature
RΘJA
TSTG
V
mA
mA
A
mW
K/W
C
BAT42WS/BAT43WS
30
21
VR(RMS)
IFRM
Pd
Electrical ratings @TA=25C
SYMBOLS
Conditions
VBR
VF
VF
VF
VF
VF
IR
CT
trr
Reverse breakdomn voltage
All types
BAT42WS
Forward voltage
BAT42WS
BAT43WS
BAT43WS
Reverse current
Capacitance between terminals
Reverse recovery time
PARAMETER
PARAMETER
Min.
Typ.
Max.
Unit
30
0.26
V
V
V
V
V
V
pF
ns
IR=10uA
IF=200mA
IF=10mA
IF=50mA
IF=2mA
IF=15mA
VR=25V
VR=1V,f=1.0MHz
IF=IR=10mA
Irr=0.1XIR,RL=100
IFSM
IFM
1.0
0.4
0.65
0.33
0.45
0.5
10
5
uA
SOD-323
1.35(0.053)
1.15(0.045)
1.00(.040)
0.80(.031)
.08(.003)
MIN
.177(.007)
.089(.003)
0.4(0.016)
.25(0.010)
1.26(.050)
1.24(.048)
.305(0.012)
.295(0.010)
0.1(0.004)
MIN
.72(0.028)
.69(0.027)
1.80(0.071)
1.60(0.063)
2.75(0.108)
2.30(0.091)
1.80(0.071)
1.60(0.063)
2.75(0.108)
2.30(0.091)
Dimensions in millimeters and (inches)
MDD ELECTRONIC


Similar Part No. - BAT43WS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
BAT43WS PANJIT-BAT43WS Datasheet
113Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER
logo
Diodes Incorporated
BAT43WS DIODES-BAT43WS Datasheet
65Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30100 Rev. 7 - 2
logo
Formosa MS
BAT43WS FORMOSA-BAT43WS Datasheet
84Kb / 2P
Advanced Schottky Barrier Diodes - Surface mount small signal type
logo
Jiangsu Changjiang Elec...
BAT43WS JIANGSU-BAT43WS Datasheet
135Kb / 2P
SCHOTTKY DIODES
logo
Weitron Technology
BAT43WS WEITRON-BAT43WS Datasheet
172Kb / 3P
Surface Mount Schottky Barrier Diode
More results

Similar Description - BAT43WS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
SD101CWS CHENDA-SD101CWS Datasheet
65Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com