Electronic Components Datasheet Search
  English  ▼

X  

AN-849 Datasheet(PDF) 2 Page - Analog Devices

Part # AN-849
Description  Using Op Amps as Comparators
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AN-849 Datasheet(HTML) 2 Page - Analog Devices

  AN-849 Datasheet HTML 1Page - Analog Devices AN-849 Datasheet HTML 2Page - Analog Devices AN-849 Datasheet HTML 3Page - Analog Devices AN-849 Datasheet HTML 4Page - Analog Devices AN-849 Datasheet HTML 5Page - Analog Devices AN-849 Datasheet HTML 6Page - Analog Devices AN-849 Datasheet HTML 7Page - Analog Devices AN-849 Datasheet HTML 8Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
AN-849
Rev. A | Page 2 of 8
Most comparators are quite fast and some are very fast indeed—but
so are some op amps. Why must we expect low speed when using
an op amp as a comparator? A comparator is designed to be used
with large differential input voltages, whereas op amps typically
operate closed loop with their input voltages minimized by negative
feedback. When an op amp is overdriven, sometimes by only a few
millivolts, some of its stages may saturate. If this occurs, the device
takes a comparatively long time to come out of saturation, and is,
therefore, much slower than if it were unsaturated.
OUTPUT OF OP AMP USED
AS A COMPARATOR
OUTPUT OF OP AMP USED
CLOSED-LOOP
(NO SATURATION/
DESATURATION)
INPUT
DELAY DUE TO
DESATURATION
t
0
Figure 2.
The desaturation time of an overdriven op amp is likely to be
considerably longer than its normal group delay (effectively the
time a signal takes from input to output) and often depends on
the amount of overdrive.
Because few op amps are characterized for their recovery times
from differing levels of overdrive, it is necessary for the user to
determine, by experiment, the delays likely to result from the
levels of overdrive expected in a particular application. The
value used in design calculations should be at least twice the
worst value seen in any tests, because the samples tested may
not be representative.
The output of a purpose-built comparator is designed to drive a
particular logic family or families. Often there is a separate supply
for the output stage to ensure that the logic levels are correct.
A modern op amp usually has rail-to-rail output—its maximum
positive level is close to the positive supply, and the minimum
negative level is close to the negative supply. (Older designs used
structures with headroom of more than 1.5 V to both supplies.)
OP AMP
LOGIC
Figure 3.
If logic and op amp share the same supply, a rail-to-rail op amp
can drive CMOS and TTL logic families successfully, but if the
op amp and logic have different supplies, additional interface
circuitry is necessary between them. Note that this applies to an
op amp with ±5 V supplies that must drive logic with +5 V
supply; the logic is liable to be damaged if −5 V is applied to it.
The simplest interface circuits are inverters. They may be built
with NPN transistors, but these draw base current. N-channel
MOSFET transistors are more convenient.
OP AMP
+VA
–VA
RL
RB
LOGIC
+VL
–VL
LOGIC
OP AMP
+VA
–VA
RL
+VL
–VL
Figure 4.
RB sets the transistor base current, and RL sets the collector/drain
current. The lower their value, the faster the inverter, but the
more power it consumes. Values of a few kilohms are usually
used. The N-channel MOS device should have a low gate
threshold voltage (<2 V) and a gate-source breakdown voltage
greater than the maximum output voltages of the op amp.
Usually, ±25 V is sufficient. Even though the op amp and the
logic use different supplies, they must be related to each other.
The op amp positive supply, +VA, must be more positive than
the logic negative supply, −VL, by at least 3 V to provide enough
voltage to turn on the transistor or the MOSFET gate. In
addition, the op amp negative supply must not be positive
relative to the logic negative supply, although it may be
connected to it. One must, of course, observe the absolute
maximum ratings of all the devices used.
LOGIC
OP AMP
+VA
–VA
+VL
–VL
P
N
Figure 5.
A complementary MOS inverter can be built with a P-channel
and an N-channel MOSFET. This has the advantage of drawing
no standby current, but it does have a large current spike during
switching when both devices are briefly turned on together.
With this arrangement, the op amp positive supply, +VA, must
be equal to or greater than the logic positive supply, +VL. In
addition, the op amp negative supply must be equal to or less
than the logic negative supply.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com