Electronic Components Datasheet Search
  English  ▼

X  

232GG Datasheet(PDF) 2 Page - BCD Semiconductor Manufacturing Limited

Part # 232GG
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

232GG Datasheet(HTML) 2 Page - BCD Semiconductor Manufacturing Limited

  232GG Datasheet HTML 1Page - BCD Semiconductor Manufacturing Limited 232GG Datasheet HTML 2Page - BCD Semiconductor Manufacturing Limited 232GG Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited 232GG Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited 232GG Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited 232GG Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited 232GG Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited 232GG Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited 232GG Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
2
Oct. 2009 Rev. 1. 7
BCD Semiconductor Manufacturing Limited
Data Sheet
MULTIPLE RS-232 DRIVERS AND RECEIVERS
AZ75232
Figure 2. Pin Configuration of AZ75232 (Top View)
Pin Description
Pin
Number
Pin
Name
Function
Pin
Number
Pin
Name
Function
1
VDD
Positive Supply Voltage for Driver
11
GND
Ground
2
RA1
Receiver Input
12
RY5
Receiver Output
3
RA2
Receiver Input
13
DA3
Driver Input
4
RA3
Receiver Input
14
RY4
Receiver Output
5
DY1
Driver Output
15
DA2
Driver Input
6
DY2
Driver Output
16
DA1
Driver Input
7
RA4
Receiver Input
17
RY3
Receiver Output
8
DY3
Driver Output
18
RY2
Receiver Output
9
RA5
Receiver Input
19
RY1
Receiver Output
10
VSS
Negative Supply Voltage for Driver
20
VCC
Supply Voltage for Receiver
M/GS/G Package
(SOIC-20/SSOP-20/TSSOP-20)
Pin Configuration
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
VDD
RA1
RA2
RA3
DY3
RA4
DY2
DY1
RA5
VSS
VCC
RY5
DA3
RY4
DA2
DA1
RY3
RY2
RY1
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com