Electronic Components Datasheet Search
  English  ▼

X  

MBR3045C Datasheet(PDF) 8 Page - BCD Semiconductor Manufacturing Limited

Part # MBR3045C
Description  HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BCDSEMI [BCD Semiconductor Manufacturing Limited]
Direct Link  http://www.bcdsemi.com
Logo BCDSEMI - BCD Semiconductor Manufacturing Limited

MBR3045C Datasheet(HTML) 8 Page - BCD Semiconductor Manufacturing Limited

Back Button MBR3045C Datasheet HTML 3Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 4Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 5Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 6Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 7Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 8Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 9Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 10Page - BCD Semiconductor Manufacturing Limited MBR3045C Datasheet HTML 11Page - BCD Semiconductor Manufacturing Limited  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
HIGH EFFICIENCY POWER SCHOTTKY RECTIFIER
MBR3045C
8
BCD Semiconductor Manufacturing Limited
Mar. 2011 Rev. 1. 1
Data Sheet
Mechanical Dimensions
TO-220-3
Unit: mm(inch)
φ
3.560(0.140)
1.160(0.046)
0.813(0.032)
8.763(0.345)
2.540(0.100)
0.356(0.014)
2.080(0.082)
3°
7°
3.560(0.140)
7°
9.660(0.380)
0.550(0.022)
60°
0.381(0.015)
2.580(0.102)
60°
φ
1.500(0.059)
0.200(0.008)
2.540(0.100)
0.381(0.015)
0.406(0.016)
3.380(0.133)
10.660(0.420)
4.060(0.160)
1.350(0.053)
4.820(0.190)
2.880(0.113)
1.760(0.069)
(Optional)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com