Electronic Components Datasheet Search
  English  ▼

X  

MPS3904 Datasheet(PDF) 2 Page - Motorola, Inc

Part # MPS3904
Description  General Purpose Transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPS3904 Datasheet(HTML) 2 Page - Motorola, Inc

  MPS3904 Datasheet HTML 1Page - Motorola, Inc MPS3904 Datasheet HTML 2Page - Motorola, Inc MPS3904 Datasheet HTML 3Page - Motorola, Inc MPS3904 Datasheet HTML 4Page - Motorola, Inc MPS3904 Datasheet HTML 5Page - Motorola, Inc MPS3904 Datasheet HTML 6Page - Motorola, Inc MPS3904 Datasheet HTML 7Page - Motorola, Inc MPS3904 Datasheet HTML 8Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MPS3904
2
Motorola Small–Signal Transistors, FETs and Diodes Device Data
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted) (Continued)
Characteristic
Symbol
Min
Max
Unit
ON CHARACTERISTICS(1)
DC Current Gain
(IC = 0.1 mAdc, VCE = 1.0 Vdc)
(IC = 1.0 mAdc, VCE = 1.0 Vdc)
(IC = 10 mAdc, VCE = 1.0 Vdc)
(IC = 50 mAdc, VCE = 1.0 Vdc)
(IC = 100 mAdc, VCE = 1.0 Vdc)
hFE
40
70
100
60
30
—
—
300
—
—
—
Collector – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VCE(sat)
—
—
0.2
0.3
Vdc
Base – Emitter Saturation Voltage
(IC = 10 mAdc, IB = 1.0 mAdc)
(IC = 50 mAdc, IB = 5.0 mAdc)
VBE(sat)
0.65
—
0.85
1.1
Vdc
SMALL– SIGNAL CHARACTERISTICS
Current – Gain — Bandwidth Product
(IC = 10 mAdc, VCE = 20 Vdc, f = 100 MHz)
fT
200
—
MHz
Output Capacitance
(VCB = 5.0 Vdc, IE = 0, f = 1.0 MHz)
Cobo
—
4.0
pF
Input Capacitance
(VEB = 0.5 Vdc, IC = 0, f = 1.0 MHz)
Cibo
—
8.0
pF
Input Impedance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hie
1.0
10
k
Ω
Voltage Feedback Ratio
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hre
0.5
8.0
X 10–4
Small–Signal Current Gain
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hfe
100
400
—
Output Admittance
(IC = 1.0 mAdc, VCE = 10 Vdc, f = 1.0 kHz)
hoe
1.0
40
µmhos
Noise Figure
(IC = 100 µAdc, VCE = 5.0 Vdc, RS = 1.0 kΩ, f = 1.0 kHz)
NF
—
5.0
dB
SWITCHING CHARACTERISTICS
Delay Time
(VCC = 3.0 Vdc, VBE(off) = – 0.5 Vdc,
IC = 10 mAdc, IB1 = 1.0 mAdc)
td
—
35
ns
Rise Time
(VCC = 3.0 Vdc, VBE(off) = – 0.5 Vdc,
IC = 10 mAdc, IB1 = 1.0 mAdc)
tr
—
50
ns
Storage Time
(VCC = 3.0 Vdc, IC = 10 mAdc,
IB1 = IB2 = 1.0 mAdc)
ts
—
900
ns
Fall Time
(VCC = 3.0 Vdc, IC = 10 mAdc,
IB1 = IB2 = 1.0 mAdc)
tf
—
90
ns
1. Pulse Test: Pulse Width
≤ 300 ms, Duty Cycle ≤ 2.0%.
Figure 1. Turn–On Time
Figure 2. Turn–Off Time
EQUIVALENT SWITCHING TIME TEST CIRCUITS
*Total shunt capacitance of test jig and connectors
10 k
+ 3.0 V
275
CS < 4.0 pF*
10 k
+ 3.0 V
275
CS < 4.0 pF*
1N916
300 ns
DUTY CYCLE = 2%
+10.9 V
– 0.5 V
<1.0 ns
10 < t1 < 500 µs
DUTY CYCLE = 2%
+10.9 V
0
– 9.1 V
< 1.0 ns
t1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com