Electronic Components Datasheet Search
  English  ▼

X  

SD101CWS Datasheet(PDF) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # SD101CWS
Description  SCHOTTKY DIODES
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd

SD101CWS Datasheet(HTML) 1 Page - Microdiode Semiconductor (Shenzhen) Co., Ltd

  SD101CWS Datasheet HTML 1Page - Microdiode Semiconductor (Shenzhen) Co., Ltd SD101CWS Datasheet HTML 2Page - Microdiode Semiconductor (Shenzhen) Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SD101AWS-SD101CWS
SCHOTTKY DIODES
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Marking: SD101AWS:S1, SD101BWS:S2, SD101CWS:S3
FEATURES
MECHANICAL DATA
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
60
SD101AWS
15
50
2.0
200
300
-65 to +125
Low forward voltage drop
Guard ring construction for transient protection
Negligible reverse recovery time
Maximum ratings and electrical characteristics, Single diode @TA=25 C
VOLTS
SYMBOLS
UNITS
VRRM
VRMS
VDC
Peak repetitive peak reverse voltage
Working peak reverse voltage
DC Blocking voltage
RMS Reverse voltage
Forward continuous current
Repetitive peak forward current @t<1.0s
@t=10us
Power dissipation
Thermal resistance junction to ambient
Storage temperature
RΘJA
TSTG
V
mA
mA
A
mW
C/W
C
SD101BWS
SD101CWS
50
40
42
35
28
VR(RMS)
IFM
IFRM
Pd
Electrical ratings @TA=25
SYMBOLS
Conditions
V(BR)R
VF
IRM
CT
trr
Reverse breakdown voltage
SD101AWS
SD101BWS
SD101CWS
Fowrard voltage
SD101AWS
SD101BWS
SD101CWS
SD101AWS
SD101BWS
SD101CWS
Reverse current
SD101AWS
SD101BWS
SD101CWS
Capacitance between terminals
SD101AWS
SD101BWS
SD101CWS
Reverse recovery time
PARAMETER
PARAMETER
Min.
Typ.
Max.
Unit
60
50
40
0.41
0.40
0.39
1.00
0.95
0.90
0.2
2.0
2.1
2.2
1.0
V
V
uA
pF
ns
IR=10uA
IR=10uA
IR=10uA
IF=1.0mA
IF=1.0mA
IF=1.0mA
IF=15mA
IF=15mA
IF=15mA
VR=50V
VR=40V
VR=30V
VR=0V,f=1.0MHz
IF=IR=5mA
Irr=0.1XIR,RL=100
SOD-323
1.35(0.053)
1.15(0.045)
1.00(.040)
0.80(.031)
.08(.003)
MIN
.177(.007)
.089(.003)
0.4(0.016)
.25(0.010)
1.26(.050)
1.24(.048)
.305(0.012)
.295(0.010)
0.1(0.004)
MIN
.72(0.028)
.69(0.027)
1.80(0.071)
1.60(0.063)
2.75(0.108)
2.30(0.091)
1.80(0.071)
1.60(0.063)
2.75(0.108)
2.30(0.091)
Dimensions in millimeters and (inches)
MDD ELECTRONIC


Similar Part No. - SD101CWS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SD101CWS DIODES-SD101CWS Datasheet
60Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 4 - 2
SD101CWS DIODES-SD101CWS Datasheet
74Kb / 3P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30078 Rev. 8 - 2
logo
Won-Top Electronics
SD101CWS WTE-SD101CWS Datasheet
46Kb / 4P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
logo
Galaxy Semi-Conductor H...
SD101CWS BILIN-SD101CWS Datasheet
156Kb / 3P
Schottky Barrier Diode
Rev.A
logo
Guangdong Kexin Industr...
SD101CWS KEXIN-SD101CWS Datasheet
35Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results

Similar Description - SD101CWS

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
BAT17 GE-BAT17 Datasheet
81Kb / 1P
SCHOTTKY DIODES
BAT46 GE-BAT46 Datasheet
41Kb / 2P
Schottky Diodes
BAT54 GE-BAT54 Datasheet
51Kb / 2P
Schottky Diodes
BAT54WS GE-BAT54WS Datasheet
39Kb / 2P
SCHOTTKY DIODES
LL103A GE-LL103A Datasheet
131Kb / 3P
Schottky Diodes
LL41 GE-LL41 Datasheet
42Kb / 2P
Schottky Diodes
SD101A GE-SD101A Datasheet
107Kb / 3P
Schottky Diodes
logo
Microdiode Semiconducto...
BAT43WS CHENDA-BAT43WS Datasheet
108Kb / 2P
SCHOTTKY DIODES
logo
AiT Semiconductor Inc.
B0520W AITSEMI-B0520W Datasheet
531Kb / 5P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
B0520WS AITSEMI-B0520WS Datasheet
522Kb / 4P
SCHOTTKY DIODES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com