Electronic Components Datasheet Search
  English  ▼

X  

AM7202N Datasheet(PDF) 1 Page - Analog Power

Part # AM7202N
Description  N-Channel 200-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7202N Datasheet(HTML) 1 Page - Analog Power

  AM7202N Datasheet HTML 1Page - Analog Power AM7202N Datasheet HTML 2Page - Analog Power AM7202N Datasheet HTML 3Page - Analog Power AM7202N Datasheet HTML 4Page - Analog Power AM7202N Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM7202N
N-Channel 200-V (D-S) MOSFET
VDS (V)
ID(A)
6.2
5.8
Symbol
Limit
Units
VDS
200
VGS
±20
TA=25°C
6.2
TA=70°C
5
IDM
30
IS
7.1
A
TA=25°C
5
TA=70°C
3.2
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
25
65
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Continuous Drain Current
a
PRODUCT SUMMARY
200
rDS(on) (mΩ)
87 @ VGS = 10V
102 @ VGS = 6.5V
Gate-Source Voltage
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• PoE PD Power supplies
• Industrial DC/DC Conversion Circuits
DFN5X6-8L
© Preliminary
1
Publication Order Number:
DS_AM7202N_1A


Similar Part No. - AM7202N

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM7202A AMD-AM7202A Datasheet
575Kb / 20P
High Density First-in Frist-out 1024 x 9-Bit CMOS Memory
More results

Similar Description - AM7202N

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4418DY VISHAY-SI4418DY Datasheet
69Kb / 5P
N-Channel 200-V (D-S) MOSFET
24-Nov-03
SUM36N20-54P VISHAY-SUM36N20-54P Datasheet
125Kb / 6P
N-Channel 200-V (D-S) MOSFET
14-Apr-08
logo
Analog Power
AM90N20-40P ANALOGPOWER-AM90N20-40P Datasheet
313Kb / 5P
N-Channel 200-V (D-S) MOSFET
AM90N20-78B ANALOGPOWER-AM90N20-78B Datasheet
361Kb / 5P
N-Channel 200-V (D-S) MOSFET
logo
Vishay Siliconix
SIR690DP VISHAY-SIR690DP Datasheet
371Kb / 13P
N-Channel 200 V (D-S) MOSFET
04-Jul-16
SISS98DN VISHAY-SISS98DN Datasheet
345Kb / 9P
N-Channel 200 V (D-S) MOSFET
23-May-16
logo
Analog Power
AM30N20-78D ANALOGPOWER-AM30N20-78D Datasheet
332Kb / 5P
N-Channel 200-V (D-S) MOSFET
AMR402N ANALOGPOWER-AMR402N Datasheet
417Kb / 5P
N-Channel 200-V (D-S) MOSFET
logo
VBsemi Electronics Co.,...
2SK2382 VBSEMI-2SK2382 Datasheet
1Mb / 9P
N-Channel 200 V (D-S) MOSFET
2SK3537-01MR VBSEMI-2SK3537-01MR Datasheet
1Mb / 9P
N-Channel 200 V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com