Electronic Components Datasheet Search
  English  ▼

X  

AM7403P Datasheet(PDF) 1 Page - Analog Power

Part # AM7403P
Description  P-Channel 200-V (D-S) MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGPOWER [Analog Power]
Direct Link  http://www.analogpowerinc.com/index.html
Logo ANALOGPOWER - Analog Power

AM7403P Datasheet(HTML) 1 Page - Analog Power

  AM7403P Datasheet HTML 1Page - Analog Power AM7403P Datasheet HTML 2Page - Analog Power AM7403P Datasheet HTML 3Page - Analog Power AM7403P Datasheet HTML 4Page - Analog Power AM7403P Datasheet HTML 5Page - Analog Power  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Analog Power
AM7403P
P-Channel 200-V (D-S) MOSFET
VDS (V)
ID(A)
-4.0
-3.9
Symbol
Limit
Units
VDS
-200
VGS
±20
TA=25°C
-4.0
TA=70°C
-3.2
IDM
-20
IS
-7.1
A
TA=25°C
5
TA=70°C
3.2
TJ, Tstg
-55 to 150
°C
Symbol
Maximum
Units
25
65
Notes
a.
Surface Mounted on 1” x 1” FR4 Board.
b.
Pulse width limited by maximum junction temperature
Power Dissipation
a
t <= 10 sec
Steady State
RθJA
ID
A
PD
W
Gate-Source Voltage
PRODUCT SUMMARY
-200
rDS(on) (mΩ)
220 @ VGS = -10V
235 @ VGS = -5.5V
Pulsed Drain Current
b
Continuous Source Current (Diode Conduction)
a
THERMAL RESISTANCE RATINGS
°C/W
Parameter
Operating Junction and Storage Temperature Range
ABSOLUTE MAXIMUM RATINGS (TA = 25°C UNLESS OTHERWISE NOTED)
V
Parameter
Drain-Source Voltage
Maximum Junction-to-Ambient
a
Continuous Drain Current
a
Key Features:
• Low rDS(on) trench technology
• Low thermal impedance
• Fast switching speed
Typical Applications:
• White LED boost converters
• Automotive Systems
• Industrial DC/DC Conversion Circuits
DFN5X6-8L
© Preliminary
1
Publication Order Number:
DS_AM7403P_1A


Similar Part No. - AM7403P

ManufacturerPart #DatasheetDescription
logo
Analog Power
AM7400N ANALOGPOWER-AM7400N Datasheet
370Kb / 5P
N-Channel 30-V (D-S) MOSFET
logo
AiT Semiconductor Inc.
AM7401 AITSEMI-AM7401 Datasheet
640Kb / 8P
SINGLE P-CHANNEL
REV1.0
AM7401J8R AITSEMI-AM7401J8R Datasheet
640Kb / 8P
SINGLE P-CHANNEL
REV1.0
AM7401J8VR AITSEMI-AM7401J8VR Datasheet
640Kb / 8P
SINGLE P-CHANNEL
REV1.0
logo
Analog Power
AM7401P ANALOGPOWER-AM7401P Datasheet
373Kb / 5P
P-Channel 150-V (D-S) MOSFET
More results

Similar Description - AM7403P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1419DH VISHAY-SI1419DH Datasheet
225Kb / 3P
P-Channel 200-V (D-S) MOSFET
14-Mar-05
SI2327DS VISHAY-SI2327DS Datasheet
89Kb / 6P
P-Channel 200-V (D-S) MOSFET
10-Jan-05
SI3475DV VISHAY-SI3475DV Datasheet
119Kb / 7P
P-Channel 200-V (D-S) MOSFET
06-Nov-06
SI7119DN VISHAY-SI7119DN Datasheet
196Kb / 4P
P-Channel 200-V (D-S) MOSFET
13-Nov-06
logo
Analog Power
AM40P20-150PCFM ANALOGPOWER-AM40P20-150PCFM Datasheet
58Kb / 2P
P-Channel 200-V (D-S) MOSFET
logo
Analog Intergrations Co...
AM10P20-690D AIC-AM10P20-690D Datasheet
321Kb / 5P
P-Channel 200-V (D-S) MOSFET
logo
Analog Power
AM10P20-1400D ANALOGPOWER-AM10P20-1400D Datasheet
318Kb / 5P
P-Channel 200-V (D-S) MOSFET
AM30P20-500P ANALOGPOWER-AM30P20-500P Datasheet
404Kb / 5P
P-Channel 200-V (D-S) MOSFET
AM3413P ANALOGPOWER-AM3413P Datasheet
341Kb / 5P
P-Channel 200-V (D-S) MOSFET
AM7001P ANALOGPOWER-AM7001P Datasheet
512Kb / 5P
P-Channel 200-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com